Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 56 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 52Page - ATMEL Corporation XMEGAD Datasheet HTML 53Page - ATMEL Corporation XMEGAD Datasheet HTML 54Page - ATMEL Corporation XMEGAD Datasheet HTML 55Page - ATMEL Corporation XMEGAD Datasheet HTML 56Page - ATMEL Corporation XMEGAD Datasheet HTML 57Page - ATMEL Corporation XMEGAD Datasheet HTML 58Page - ATMEL Corporation XMEGAD Datasheet HTML 59Page - ATMEL Corporation XMEGAD Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 309 page
background image
56
8210B–AVR–04/10
XMEGA D
Figure 6-1.
The Clock system, clock sources and clock distribution
6.3
Clock Distribution
Figure 6-1 on page 56 presents the principal clock distribution in the XMEGA.
6.3.1
System Clock - clk
SYS
The System Clock is the output from the main system clock selection. This is fed into the pres-
calers that are used to generate all internal clocks except the Asynchronous Clock.
6.3.2
CPU Clock - clk
CPU
The CPU Clock is routed to the CPU and Non-Volatile Memory. Halting the CPU Clock inhibits
the CPU from executing instructions.
32 kHz
Int. ULP
System Clock
Prescalers
2 MHz
Int. Osc.
32 MHz
Int. Osc.
32.768 kHz
Int. Osc.
Watchdog
Timer
Brown-out
Detection
System Clock Multiplexer
Real Time
Counter
Peripherals
RAM
AVR CPU
Non-Volatile
Memory
clkPER
clkSYS
clkPER4
clkPER2
clkCPU
clkrtc
External
Clock
PLL
XTAL
32.768 kHz
XTAL
0.4–16Mhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com