Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 80 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 76Page - ATMEL Corporation XMEGAD Datasheet HTML 77Page - ATMEL Corporation XMEGAD Datasheet HTML 78Page - ATMEL Corporation XMEGAD Datasheet HTML 79Page - ATMEL Corporation XMEGAD Datasheet HTML 80Page - ATMEL Corporation XMEGAD Datasheet HTML 81Page - ATMEL Corporation XMEGAD Datasheet HTML 82Page - ATMEL Corporation XMEGAD Datasheet HTML 83Page - ATMEL Corporation XMEGAD Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 309 page
background image
80
8210B–AVR–04/10
XMEGA D
8.
Reset System
8.1
Features
• Power-on reset source
• Brown-out reset source
• Software reset source
• External reset source
• Watchdog reset source
• Program and Debug Interface reset source
8.2
Overview
The Reset System will issue a system reset and set the device to its initial state if a reset source
goes active. All IO registers will be set to their initial value, and the program counter is reset to
the Reset Vector location. The reset controller is asynchronous, hence no running clock is
required to reset the device.
XMEGA has seven different reset sources. If more than one reset source is active, the device
will be kept in reset until all reset sources have released their reset. After reset is released from
all reset sources, the default oscillator is started and calibrated before the internal reset is
released and the device starts running.
The reset system has a status register with individual flags for each reset source. The Status
register is cleared at Power-on Reset, hence this register will show which source(s) that has
issued a reset since the last power-on. A software reset feature makes it possible to issue a sys-
tem reset from the user software.
An overview of the reset system is shown in Figure 8-1 on page 81.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com