Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 33 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 29Page - ATMEL Corporation XMEGAD Datasheet HTML 30Page - ATMEL Corporation XMEGAD Datasheet HTML 31Page - ATMEL Corporation XMEGAD Datasheet HTML 32Page - ATMEL Corporation XMEGAD Datasheet HTML 33Page - ATMEL Corporation XMEGAD Datasheet HTML 34Page - ATMEL Corporation XMEGAD Datasheet HTML 35Page - ATMEL Corporation XMEGAD Datasheet HTML 36Page - ATMEL Corporation XMEGAD Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 309 page
background image
33
8210B–AVR–04/10
XMEGA D
• Bit 3:2 - BLBAT[1:0]: Boot Lock Bit Application Table Section
These bits indicate the locking mode for the Application Table Section. Even though the BLBAT
bits are writable, they can only be written to a stricter locking. Resetting the BLBAT bits is only
possible by executing a Chip Erase Command.
• Bit 1:0 - LB[1:0]: Lock Bits
These bits indicate the locking mode for the Flash and EEPROM in Programming Mode. These
bits are writable only through an external programming interface. Resetting the Lock Bits is only
possible by executing a Chip Erase Command.
Table 4-10.
Boot Lock Bit for the Application Table Section
BLBAT[1:0]
Group Configuration
Description
11
NOLOCK
No Lock, no restrictions for SPM and (E)LPM accessing
the Application Table Section.
10
WLOCK
Write Lock, SPM is not allowed to write the Application
Table
01
RLOCK
Read Lock, (E)LPM executing from the Boot Loader
Section is not allowed to read from the Application Table
Section.
If the interrupt vectors are placed in the Boot Loader
Section, interrupts are disabled while executing from the
Application Section.
00
RWLOCK
Read and Write Lock, SPM is not allowed to write to the
Application Table Section and (E)LPM executing from
the Boot Loader Section is not allowed to read from the
Application Table Section.
If the interrupt vectors are placed in the Boot Loader
Section, interrupts are disabled while executing from the
Application Section.
Table 4-11.
Boot Lock Bit for The Boot Section
LB[1:0]
Group Configuration
Description
11
NOLOCK3
No Lock, no memory locks enabled.
10
WLOCK
Write lock, programming of the Flash and EEPROM is
disabled for the programming interface. Fuse bits are
locked for write from the programming interface.
00
RWLOCK
Read and Write Lock, programming and
read/verification of the flash and EEPROM is disabled
for the programming interface. The lock bits and fuses
are locked for read and write from the programming
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com