Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 53 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 49Page - ATMEL Corporation XMEGAD Datasheet HTML 50Page - ATMEL Corporation XMEGAD Datasheet HTML 51Page - ATMEL Corporation XMEGAD Datasheet HTML 52Page - ATMEL Corporation XMEGAD Datasheet HTML 53Page - ATMEL Corporation XMEGAD Datasheet HTML 54Page - ATMEL Corporation XMEGAD Datasheet HTML 55Page - ATMEL Corporation XMEGAD Datasheet HTML 56Page - ATMEL Corporation XMEGAD Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 309 page
background image
53
8210B–AVR–04/10
XMEGA D
5.8.3
STROBE – Event Strobe Register
A single event lasting for one peripheral clock cycle will be generated.
• Bit 7:4 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bit to zero when this register is written.
• Bit 3:0 - STROBE[3:0] - Event Strobe bit Register
If any of the STROBE bit is unequal to zero or simply written, each event channel will be set
according to the STROBE[n] and corresponding DATA[n] bit setting.
5.8.4
DATA – Event Data Register
This register must be written before the STROBE register, for details See ”STROBE – Event
Strobe Register” on page 53.
• Bit 7:4 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 3:0 - DATA[3:0] - Event Data bit Register
Any of the DATA bits contains the data value when manually generating a data event.
Bit
76543210
+0x10
–
–
–
–
STROBE[3:0]
STROBE
Read/Write
RRRR
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
765
43210
+0x11
–
–
–
–
DATA[3:0]
DATA
Read/Write
RRRR
R/W
R/W
R/W
R/W
Initial Value
000
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com