Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 29 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 25Page - ATMEL Corporation XMEGAD Datasheet HTML 26Page - ATMEL Corporation XMEGAD Datasheet HTML 27Page - ATMEL Corporation XMEGAD Datasheet HTML 28Page - ATMEL Corporation XMEGAD Datasheet HTML 29Page - ATMEL Corporation XMEGAD Datasheet HTML 30Page - ATMEL Corporation XMEGAD Datasheet HTML 31Page - ATMEL Corporation XMEGAD Datasheet HTML 32Page - ATMEL Corporation XMEGAD Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 309 page
background image
29
8210B–AVR–04/10
XMEGA D
• Bit 1:0 - BODPD[1:0]: BOD operation in power-down mode
The BODPD fuse bits set the BOD operation mode in all sleep modes except Idle mode.
For details on the BOD and BOD operation modes refer to ”Brown-Out Detection” on page 106.
4.13.3
FUSEBYTE4 - Non-Volatile Memory fuse Byte4 - Start-up Configuration
• Bit 7:5 - Reserved
These fuse bits are reserved. For compatibility with future devices, always write these bits to one
when this register is written.
• Bit: 4 - RSTDISBL - External Reset Disable
This fuse can be programmed to disable the external reset pin functionality. When this is done
pulling this pin low will not cause an external reset.
• Bit 3:2 - STARTUPTIME[1:0]: Start-up time
The STARTUPTIME fuse bits can be used to set at a programmable timeout period from all
reset sources are released and until the internal reset is released from the delay counter.
The delay is timed from the 1kHz output of the ULP oscillator, refer to Section 9.3 ”Reset
Sequence” on page 104 for details.
• Bit 1 - WDLOCK: Watchdog Timer lock
The WDLOCK fuse can be programmed to lock the Watchdog Timer configuration. When this
fuse is programmed the Watchdog Timer configuration cannot be changed, and the Watchdog
Timer cannot be disabled from the application software. When the WDLOCK fuse is pro-
grammed the the watchdog timer is automatically enabled at reset.
Table 4-2.
BOD operation modes in sleep modes
BODPD[1:0]
Description
00
Reserved
01
BOD enabled in sampled mode
10
BOD enabled continuously
11
BOD Disabled
Bit
7
6
5
4
3
2
1
0
+0x04
–
–
–
RSTDISBL
STARTUPTIME[1:0]
WDLOCK
–
FUSEBYTE4
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R
Initial Value
1
1
1
1
1
1
1
1
Table 4-3.
Start-up Time
STARTUPTIME[1:0]
1kHz ULP oscillator Cycles
00
64
01
4
10
Reserved
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com