Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 69 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 65Page - ATMEL Corporation XMEGAD Datasheet HTML 66Page - ATMEL Corporation XMEGAD Datasheet HTML 67Page - ATMEL Corporation XMEGAD Datasheet HTML 68Page - ATMEL Corporation XMEGAD Datasheet HTML 69Page - ATMEL Corporation XMEGAD Datasheet HTML 70Page - ATMEL Corporation XMEGAD Datasheet HTML 71Page - ATMEL Corporation XMEGAD Datasheet HTML 72Page - ATMEL Corporation XMEGAD Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 309 page
background image
69
8210B–AVR–04/10
XMEGA D
• Bit 7:2 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 1 - XOSCFDIF: Failure Detection Interrupt Flag
If the external clock source oscillator failure monitor is enabled, the XOSCFDIF is set when a
failure is detected. Writing logic one to this location will clear XOSCFDIF. Note that having this
flag set will not stop the fail monitor circuit to request a new interrupt if the external clock sources
are re-enabled and a new failure occurs.
• Bit 0 - XOSCFDEN: Failure Detection Enable
Setting this bit will enable the failure detection monitor, and a Non-Maskable Interrupt will be
issued when the XOSCFDIF is set.
This bit is protected by the Configuration Change Protection mechanism, refer to ”Configuration
Change Protection” on page 12 for details. Once enabled, the failure detection will only be dis-
abled by a reset.
6.10.5
RC32KCAL - 32.768 KHz Oscillator Calibration Register
• Bit 7:0 - RC32KCAL[7:0]: 32.768 KHz Internal Oscillator Calibration Register
This register is used to calibrate the Internal 32.768 kHz Oscillator. A factory-calibrated value is
loaded from the signature row of the device and written to this register during reset, giving an
oscillator frequency close to 32.768 kHz. The register can also be written from software to cali-
brate the oscillator frequency during normal operation.
6.10.6
PLLCTRL - PLL Control Register
• Bit 7:6 - PLLSRC[1:0]: Clock Source
The PLLSRC bits select the input source for the PLL according to Table 6-7 on page 70.
Bit
7
6543
210
+0x04
RC32KCAL[7:0]
RC32KCAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
x
xxx
xxxx
Bit
76543
210
+0x05
PLLSRC[1:0]
–
PLLFAC[4:0]
PLLCTRL
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com