Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 86 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 82Page - ATMEL Corporation XMEGAD Datasheet HTML 83Page - ATMEL Corporation XMEGAD Datasheet HTML 84Page - ATMEL Corporation XMEGAD Datasheet HTML 85Page - ATMEL Corporation XMEGAD Datasheet HTML 86Page - ATMEL Corporation XMEGAD Datasheet HTML 87Page - ATMEL Corporation XMEGAD Datasheet HTML 88Page - ATMEL Corporation XMEGAD Datasheet HTML 89Page - ATMEL Corporation XMEGAD Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 309 page
background image
86
8210B–AVR–04/10
XMEGA D
Figure 8-6.
Watchdog reset.
For information on configuration and use of the WDT, refer to the ”WDT – Watchdog Timer” on
page 89.
8.4.5
Software reset
The Software reset makes it possible to issue a system reset from software by writing to the
Software Reset bit in the Reset Control Register.The reset will be issued within 1-2 system clock
CPU cycles after writing the bit. It is not possible to execute any instruction from a software reset
is requested and until it is issued.
Figure 8-7.
Software reset
8.4.6
Program and Debug Interface Reset
The Program and Debug Interface reset contains a separate reset source that is used to reset
the device during external programming and debugging. This reset source is only accessible
from debuggers and programmers.
1-2 2MHz
CC
Cycles
SOFTWARE
CC
1-2 2MHz Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com