Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 30 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 26Page - ATMEL Corporation XMEGAD Datasheet HTML 27Page - ATMEL Corporation XMEGAD Datasheet HTML 28Page - ATMEL Corporation XMEGAD Datasheet HTML 29Page - ATMEL Corporation XMEGAD Datasheet HTML 30Page - ATMEL Corporation XMEGAD Datasheet HTML 31Page - ATMEL Corporation XMEGAD Datasheet HTML 32Page - ATMEL Corporation XMEGAD Datasheet HTML 33Page - ATMEL Corporation XMEGAD Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 309 page
background image
30
8210B–AVR–04/10
XMEGA D
• Bit 0 - Reserved
This fuse bit is reserved. For compatibility with future devices, always write this bit to one when
this register is written.
4.13.4
FUSEBYTE5 - Non-Volatile Memory Fuse Byte 5
• Bit 7:6 - Reserved
These fuse bits are reserved. For compatibility with future devices, always write these bits to one
when this register is written.
• Bit 5:4 - BODACT[1:0]: BOD operation in active mode
The BODACT fuse bits set the BOD operation mode when the device is in active and idle mode
of operation.
For details on the BOD and BOD operation modes refer to ”Brown-Out Detection” on page 84.
• Bit 3 - EESAVE: EEPROM memory is preserved through the Chip Erase
A chip erase command will normally erase the Flash, EEPROM and internal SRAM. If the
EESAVE fuse is programmed, the EEPROM is not erased during chip erase. In case EEPROM
is used to store data independent of software revision, the EEPROM can be preserved through
chip erase.
Table 4-4.
Watchdog Timer locking
WDLOCK
Description
0
Watchdog Timer locked for modifications
1
Watchdog Timer not locked
Bit
7
654
3
2
1
0
+0x05
–
–
BODACT[1:0]
EESAVE
BODLEVEL[2:0]
FUSEBYTE5
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
1
1
-
-
-
-
-
-
Table 4-5.
BOD operation modes in Active and Idle mode
BODACT[1:0]
Description
00
Reserved
01
BOD enabled in sampled mode
10
BOD enabled continuously
11
BOD Disabled
Table 4-6.
EEPROM memory through Chip Erase
EESAVE
Description
0
EEPROM is preserved during chip erase
1
EEPROM is not preserved during chip erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com