Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 18 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 14Page - ATMEL Corporation XMEGAD Datasheet HTML 15Page - ATMEL Corporation XMEGAD Datasheet HTML 16Page - ATMEL Corporation XMEGAD Datasheet HTML 17Page - ATMEL Corporation XMEGAD Datasheet HTML 18Page - ATMEL Corporation XMEGAD Datasheet HTML 19Page - ATMEL Corporation XMEGAD Datasheet HTML 20Page - ATMEL Corporation XMEGAD Datasheet HTML 21Page - ATMEL Corporation XMEGAD Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 309 page
background image
18
8210B–AVR–04/10
XMEGA D
4.
Memories
4.1
Features
• Flash Program Memory
– One linear address space
– In-System Programmable
– Self-Programming and Bootloader support
– Application Section for application code
– Application Table Section for application code or data storage
– Boot Section for application code or bootloader code
– Separate lock bits and protection for all sections
• Data Memory
– One linear address space
– Single cycle access from CPU
– SRAM
– EEPROM
Byte and page accessible
Optional memory mapping for direct load and store
– I/O Memory
Configuration and Status registers for all peripherals and modules
Four bit-accessible General Purpose Register for global variables or flags
• Production Signature Row Memory for factory programmed data
Device ID for each microcontroller device type
Serial number for each device
Oscillator calibration bytes
ADC and temperature sensor calibration data
• User Signature Row
One flash page in size
Can be read and written from software
Content is kept after chip erase
4.2
Overview
This section describes the different memories in XMEGA D. The AVR architecture has two main
memory spaces, the Program Memory and the Data Memory. Executable code can only reside
in the Program Memory, while data can be stored both in the Program Memory and the Data
Memory. The Data Memory includes both SRAM, and EEPROM Memory for non-volatile data
storage. All memory spaces are linear and require no paging. Non-Volatile Memory (NVM)
spaces can be locked for further write and read/write operations. This prevents unrestricted
access to the application software.
A separate memory section contains the Fuse bytes. These are used for setting important sys-
tem functions, and write access is only possible from an external programmer.
4.3
Flash Program Memory
The XMEGA contains On-chip In-System Reprogrammable Flash memory for program storage.
The Flash memory can be accessed for read and write both from an external programmer
through the PDI, or from application software running in the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com