Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 23 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 19Page - ATMEL Corporation XMEGAD Datasheet HTML 20Page - ATMEL Corporation XMEGAD Datasheet HTML 21Page - ATMEL Corporation XMEGAD Datasheet HTML 22Page - ATMEL Corporation XMEGAD Datasheet HTML 23Page - ATMEL Corporation XMEGAD Datasheet HTML 24Page - ATMEL Corporation XMEGAD Datasheet HTML 25Page - ATMEL Corporation XMEGAD Datasheet HTML 26Page - ATMEL Corporation XMEGAD Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 309 page
background image
23
8210B–AVR–04/10
XMEGA D
4.12.2
ADDR1 - Non-Volatile Memory Address Register 1
• Bit 7:0 - ADDR[15:8]: NVM Address Register Byte 1
This register gives the address high byte when accessing either of the memory locations.
4.12.3
ADDR0 - Non-Volatile Memory Address Register 0
• Bit 7:0 - ADDR[7:0]: NVM Address Register Byte 0
This register gives the address low byte when accessing either of the memory locations.
4.12.4
DATA2 - Non-Volatile Memory Data Register Byte 2
The DATA2, DATA1 and ADDR0 registers represents the 24-bit value DATA.
• Bit 7:0 - DATA[23:16]: NVM Data Register 2
This register gives the data value byte 2 when running CRC check on application section, boot
section or combined.
4.12.5
DATA1 - Non-Volatile Memory Data Register 1
• Bit 7:0 - DATA[15:8]: NVM Data Register Byte 1
This register gives the data value byte 1 when accessing application and boot section.
Bit
7
65
43
21
0
+0x01
ADDR[15:8]
ADDR1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
+0x00
ADDR[7:0]
ADDR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
+0x06
DATA[23:16]
DATA2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
+0x05
DATA[15:8]
DATA1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com