Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 93 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 89Page - ATMEL Corporation XMEGAD Datasheet HTML 90Page - ATMEL Corporation XMEGAD Datasheet HTML 91Page - ATMEL Corporation XMEGAD Datasheet HTML 92Page - ATMEL Corporation XMEGAD Datasheet HTML 93Page - ATMEL Corporation XMEGAD Datasheet HTML 94Page - ATMEL Corporation XMEGAD Datasheet HTML 95Page - ATMEL Corporation XMEGAD Datasheet HTML 96Page - ATMEL Corporation XMEGAD Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 309 page
background image
93
8210B–AVR–04/10
XMEGA D
• Bit 1 - WEN: Watchdog Window Mode Enable
This bit enables the Watchdog Window Mode. In order to change this bit the WCEN bit in
”WINCTRL – Window Mode Control Register” on page 92 must be written to one at the same
time. This bit is protected by the Configuration Change Protection mechanism, for detailed
description refer to ”Configuration Change Protection” on page 12.
• Bit 0 - WCEN: Watchdog Window Mode Change Enable
This bit enables the possibility to change the configuration of the ”WINCTRL – Window Mode
Control Register” on page 92. When writing a new value to this register, this bit must be written
to one at the same time for the changes to take effect. This bit is protected by the Configuration
Change Protection mechanism, but not protected by the WDT lock fuse.
9.7.3
STATUS – Watchdog Status Register
• Bit 7:1 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 0 - SYNCBUSY
When writing to the CTRL or WINCTRL registers, the WDT needs to be synchronized to the
other clock domains. During synchronization the SYNCBUSY bit will be read as one. This bit is
automatically cleared after the synchronization is finished. Synchronization will only take place
when the ENABLE bit for the Watchdog Timer is set.
0110
500CLK
0.5 s
0111
1KCLK
1.0 s
1000
2KCLK
2.0 s
1001
4KCLK
4.0 s
1010
8KCLK
8.0 s
1011
Reserved
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved
Table 9-2.
Watchdog closed window periods (Continued)
WPER[3:0]
Group Configuration
Typical closed window periods
Bit
7
6
543
21
0
+0x02
–
–
–
–
–
–
–
SYNCBUSY
STATUS
Read/Write
R
RRR
RRR
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com