Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 11 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 7Page - ATMEL Corporation XMEGAD Datasheet HTML 8Page - ATMEL Corporation XMEGAD Datasheet HTML 9Page - ATMEL Corporation XMEGAD Datasheet HTML 10Page - ATMEL Corporation XMEGAD Datasheet HTML 11Page - ATMEL Corporation XMEGAD Datasheet HTML 12Page - ATMEL Corporation XMEGAD Datasheet HTML 13Page - ATMEL Corporation XMEGAD Datasheet HTML 14Page - ATMEL Corporation XMEGAD Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 309 page
background image
11
8210B–AVR–04/10
XMEGA D
3.10
RAMP and Extended Indirect Registers
In order to access program memory or data memory above 64K bytes, the address or address
pointer must be more than 16-bits. This is done by concatenating one register to one of the X-,
Y- or Z-registers, and this register then holds the most significant byte (MSB) in a 24-bit address
or address pointer.
These registers are only available on devices with external bus interface and/or more than 64K
bytes of program or data memory space. For these devices, only the number of bits required to
address the whole program and data memory space in the device is implemented in the
registers.
3.10.1
RAMPX, RAMPY and RAMPZ Registers
The RAMPX, RAMPY and RAMPZ registers are concatenated with the X-, Y-, and Z-registers
respectively to enable indirect addressing of the whole data memory space above 64K bytes
and up to 16M bytes.
Figure 3-6.
The combined RAMPX + X, RAMPY + Y and RAMPZ + Z registers
When reading (ELPM) and writing (SPM) program memory locations above the first 128K bytes
of the program memory, RAMPZ is concatenated with the Z-register to form the 24-bit address.
LPM is not affected by the RAMPZ setting.
3.10.2
RAMPD Register
This register is concatenated with the operand to enable direct addressing of the whole data
memory space above 64K bytes. Together RAMPD and the operand will form a 24-bit address.
Figure 3-7.
The combined RAMPD + K register
3.10.3
EIND - Extended Indirect Register
EIND is concatenated with the Z-register to enable indirect jump and call to locations above the
first 128K bytes (64K words) of the program memory.
Figure 3-8.
The combined EIND + Z register
Bit (Individually)
7
0
7
0
7
0
RAMPX
XH
XL
Bit (X-pointer)
23
16
15
8
7
0
Bit (Individually)
7
0
7
0
7
0
RAMPY
YH
YL
Bit (Y-pointer)
23
16
15
8
7
0
Bit (Individually)
7
0
7
0
7
0
RAMPZ
ZH
ZL
Bit (Z-pointer)
23
16
15
8
7
0
Bit (Individually)
7
0
15
0
RAMPD
K
Bit (D-pointer)
23
16
15
0
Bit (Individually)
7
0
7
0
7
0
EIND
ZH
ZL
Bit (D-pointer)
23
16
15
8
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com