Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 42 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 38Page - ATMEL Corporation XMEGAD Datasheet HTML 39Page - ATMEL Corporation XMEGAD Datasheet HTML 40Page - ATMEL Corporation XMEGAD Datasheet HTML 41Page - ATMEL Corporation XMEGAD Datasheet HTML 42Page - ATMEL Corporation XMEGAD Datasheet HTML 43Page - ATMEL Corporation XMEGAD Datasheet HTML 44Page - ATMEL Corporation XMEGAD Datasheet HTML 45Page - ATMEL Corporation XMEGAD Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 309 page
background image
42
8210B–AVR–04/10
XMEGA D
4.19
Register Summary - Production Signature Row
Address
Auto Load
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
+0x00
YES
RCOSC2M
RCOSC2M[7:0]
36
+0x01
Reserved
+0x02
YES
RCOSC32K
RCOSC32K[7:0]
36
+0x03
YES
RCOSC32M
RCOSC32M[7:0]
37
+0x04
Reserved
+0x05
Reserved
+0x06
Reserved
+0x07
Reserved
+0x08
NO
LOTNUM0
LOTNUM0[7:0]
37
+0x09
NO
LOTNUM1
LOTNUM1[7:0]
37
+0x0A
NO
LOTNUM2
LOTNUM2[7:0]
37
+0x0B
NO
LOTNUM3
LOTNUM3[7:0]
38
+0x0C
NO
LOTNUM4
LOTNUM4[7:0]
38
+0x0D
NO
LOTNUM5
LOTNUM5[7:0]
38
+0x0E
Reserved
+0x0F
Reserved
+0x10
NO
WAFNUM
WAFNUM[7:0]
38
+0x11
Reserved
+0x12
NO
COORDX0
COORDX0[7:0]
39
+0x13
NO
COORDX1
COORDX1[7:0]
39
+0x14
NO
COORDY0
COORDY0[7:0]
39
+0x15
NO
COORDY1
COORDY1[7:0]
39
+0x16
Reserved
+0x17
Reserved
+0x18
Reserved
+0x19
Reserved
+0x1A
Reserved
+0x1B
Reserved
+0x1C
Reserved
+0x1D
Reserved
+0x0E
Reserved
+0x1E
Reserved
+0x20
NO
ADCACAL0
ADCACAL0[7:0]
39
+0x21
NO
ADCACAL1
ADCACAL1{7:0]
40
+0x22
Reserved
+0x23
Reserved
+0x24
Reserved
+0x25
Reserved
+0x26
Reserved
+0x27
Reserved
+0x28
Reserved
+0x29
Reserved
+0x2A
Reserved
+0x2B
Reserved
+0x2C
Reserved
+0x2D
Reserved
+0x2E
NO
TEMPSENSE0
TEMPSENSE[7:0]
41
+0x2F
NO
TEMPSENSE1
TEMPSENE[11:8]
41
+0x34
Reserved
+0x35
Reserved
+0x36
Reserved
+0x37
Reserved
+0x38
Reserved
+0x39
Reserved
0x3A
Reserved
+0x3B
Reserved
+0x3C
Reserved
+0x3D
Reserved
+0x3E
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com