Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 6 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 2Page - ATMEL Corporation XMEGAD Datasheet HTML 3Page - ATMEL Corporation XMEGAD Datasheet HTML 4Page - ATMEL Corporation XMEGAD Datasheet HTML 5Page - ATMEL Corporation XMEGAD Datasheet HTML 6Page - ATMEL Corporation XMEGAD Datasheet HTML 7Page - ATMEL Corporation XMEGAD Datasheet HTML 8Page - ATMEL Corporation XMEGAD Datasheet HTML 9Page - ATMEL Corporation XMEGAD Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 309 page
background image
6
8210B–AVR–04/10
XMEGA D
Figure 3-1.
Block Diagram of the AVR Architecture
The Arithmetic Logic Unit (ALU) supports arithmetic and logic operations between registers or
between a constant and a register. Single register operations can also be executed in the ALU.
After an arithmetic operation, the Status Register is updated to reflect information about the
result of the operation.
The ALU is directly connected to the fast-access Register File. The 32 x 8-bit general purpose
working registers all have single clock cycle access time allowing single-cycle Arithmetic Logic
Unit (ALU) operation between registers or between a register and an immediate. Six of the 32
registers can be used as three 16-bit address pointers for program and data space addressing -
enabling efficient address calculations.
The memory spaces are all linear and regular memory maps. The Data Memory space and the
Program Memory space are two different memory spaces.
The Data Memory space is divided into I/O registers and SRAM. In addition the EEPROM can
be memory mapped in the Data Memory.
All I/O status and control registers reside in the lowest 4K bytes addresses of the Data Memory.
This is referred to as the I/O Memory space. The lowest 64 addresses can be accessed directly,
or as the data space locations from 0x00 - 0x3F. The rest is the Extended I/O Memory space,
ranging from 0x40 to 0x1FFF. I/O registers here must be access as data space locations using
load (LD/LDS/LDD) and store (ST/STS/STD) instructions.
The SRAM holds data, and code cannot be executed from here. It can easily be accessed
through the five different addressing modes supported in the AVR architecture. The first SRAM
address is 0x2000.
Data address 0x1000 to 0x1FFF is reserved for memory mapping of EEPROM.
Flash
Program
Memory
Instruction
Decode
Program
Counter
OCD
32 x 8 General
Purpose
Registers
ALU
Multiplier
Instruction
Register
STATUS/
CONTROL
Peripheral
Module 1
Peripheral
Module n
EEPROM
PMIC
SRAM
DATA BUS
DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com