Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 72 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 68Page - ATMEL Corporation XMEGAD Datasheet HTML 69Page - ATMEL Corporation XMEGAD Datasheet HTML 70Page - ATMEL Corporation XMEGAD Datasheet HTML 71Page - ATMEL Corporation XMEGAD Datasheet HTML 72Page - ATMEL Corporation XMEGAD Datasheet HTML 73Page - ATMEL Corporation XMEGAD Datasheet HTML 74Page - ATMEL Corporation XMEGAD Datasheet HTML 75Page - ATMEL Corporation XMEGAD Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 309 page
background image
72
8210B–AVR–04/10
XMEGA D
• Bit 4:0 - CALH[12:8]: DFLL Calibration bits
These bits hold the 6 Most Significant Bits (MSB) of the calibration value for the oscillator. A fac-
tory-calibrated value is loaded from the signature row of the device and written to this register
during reset, giving an oscillator frequency approximate to the nominal frequency for the oscilla-
tor. These bits are not changed during automatic runtime calibration of the oscillator.
6.11.4
COMP0 - Oscillator Compare Register 0
COMP0, COMP1 and COMP2 represent the register value COMP that hold the oscillator com-
pare value. During reset COMP is loaded with the default value representing the ideal
relationship between oscillator frequency and the 1.024 kHz reference clock. It is possible to
write these bits from software, and then enable the oscillator to tune to a frequency different than
its nominal frequency. These bits can only be written when the DFLL is disabled.
• Bit 7:0 - COMP[7:0]
These bits are the low byte of the COMP register.
6.11.5
COMP1 - Oscillator Compare Register 1
• Bit 7:0 - COMP[15:8]
These bits are the middle byte of the COMP register.
6.11.6
COMP2 - Oscillator Compare Register 2
• Bit 7:4 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 3:0 - COMP[19:16]
These bits are the highest bits of the COMP register.
Bit
7
65
43
21
0
+0x04
COMP[7:0]
COMP0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
76543
210
+0x05
COMP[15:8]
COMP1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000
000
Bit
7
654
321
0
+0x06
–
–
–
–
COMP[19:16]
COMP2
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com