Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 91 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 87Page - ATMEL Corporation XMEGAD Datasheet HTML 88Page - ATMEL Corporation XMEGAD Datasheet HTML 89Page - ATMEL Corporation XMEGAD Datasheet HTML 90Page - ATMEL Corporation XMEGAD Datasheet HTML 91Page - ATMEL Corporation XMEGAD Datasheet HTML 92Page - ATMEL Corporation XMEGAD Datasheet HTML 93Page - ATMEL Corporation XMEGAD Datasheet HTML 94Page - ATMEL Corporation XMEGAD Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 309 page
background image
91
8210B–AVR–04/10
XMEGA D
9.7
Registers Description
9.7.1
CTRL – Watchdog Timer Control Register
• Bits 7:6 - Reserved
These bits are unused and reserved for future use. For compatibility with future devices, always
write these bits to zero when this register is written.
• Bits 5:2 - PER[3:0]: Watchdog Timeout Period
These bits determine the Watchdog timeout period as a number of 1 kHz ULP oscillator cycles.
In window mode operation, these bits define the open window period. The different typical time-
out periods are found in Table 9-1. The initial values of these bits are set by the Watchdog
Timeout Period (WDP) fuses, and will be loaded at power-on.
In order to change these bits the CEN bit must be written to 1 at the same time. These bits are
protected by the Configuration Change Protection mechanism, for detailed description refer to
”Configuration Change Protection” on page 12.
Bit
7
65
43
2
1
0
+0x00
–
–
PER[3:0]
ENABLE
CEN
CTRL
Read/Write
(unlocked)
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Read/Write
(locked)
RR
RRR
RR
R
Initial Value
(x = fuse)
0
0
XX
XX
X
0
Table 9-1.
Watchdog timeout periods
PER[3:0]
Group Configuration
Typical timeout periods
0000
8CLK
8 ms
0001
16CLK
16 ms
0010
32CLK
32 ms
0011
64CLK
64 ms
0100
125CLK
0.125 s
0101
250CLK
0.25 s
0110
500CLK
0.5 s
0111
1KCLK
1.0 s
1000
2KCLK
2.0 s
1001
4KCLK
4.0 s
1010
8KCLK
8.0 s
1011
Reserved
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com