Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 45 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 41Page - ATMEL Corporation XMEGAD Datasheet HTML 42Page - ATMEL Corporation XMEGAD Datasheet HTML 43Page - ATMEL Corporation XMEGAD Datasheet HTML 44Page - ATMEL Corporation XMEGAD Datasheet HTML 45Page - ATMEL Corporation XMEGAD Datasheet HTML 46Page - ATMEL Corporation XMEGAD Datasheet HTML 47Page - ATMEL Corporation XMEGAD Datasheet HTML 48Page - ATMEL Corporation XMEGAD Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 309 page
background image
45
8210B–AVR–04/10
XMEGA D
Figure 5-1.
Event System Overview and Connected Peripherals
The CPU is not part of the Event System, but it indicates that it is possible to manually generate
events from software or by using the on-chip debug system.
The Event System works in active and idle mode.
5.3
Events
In the context of the Event System, an indication that a change of state within a peripheral has
occurred is called an event. There are two main types of events: Signaling events and data
events. Signaling events only indicate a change of state while data events contain additional
information on the event.
The peripheral from where the event origin is called the Event Generator. Within each periph-
eral, for example a Timer/Counter, there can be several event sources, such as a timer compare
match or timer overflow. The peripheral using the event is called the Event User, and the action
that is triggered is called the Event Action.
Figure 5-2.
Example of event source, generator, user and action
AD Cx
E v e n t R outing
Ne tw o rk
PO R T x
CP U
AC x
RT C
T/C x n
IR C O M
Clk SYS
Event
Routing
Network
|
Compare Match
Over-/Underflow
Error
Timer/Counter
Channel Sweep
Single
Conversion
ADC
Event Generator
Event Source
Event User
Event Action
Event Action Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com