Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 26 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 22Page - ATMEL Corporation XMEGAD Datasheet HTML 23Page - ATMEL Corporation XMEGAD Datasheet HTML 24Page - ATMEL Corporation XMEGAD Datasheet HTML 25Page - ATMEL Corporation XMEGAD Datasheet HTML 26Page - ATMEL Corporation XMEGAD Datasheet HTML 27Page - ATMEL Corporation XMEGAD Datasheet HTML 28Page - ATMEL Corporation XMEGAD Datasheet HTML 29Page - ATMEL Corporation XMEGAD Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 309 page
background image
26
8210B–AVR–04/10
XMEGA D
• Bit 3:2 - SPMLVL[1:0]: SPM Ready Interrupt Level
These bits enable the Interrupt and select the interrupt level as described in ”Interrupts and Pro-
grammable Multi-level Interrupt Controller” on page 95. The interrupt is a level interrupt, which
will be triggered when the BUSY flag in the STATUS is set to logical 0. Since the interrupt is a
level interrupt note the following.
The interrupt should not be enabled before triggering a NVM command, as the BUSY flag wont
be set before the NVM command is triggered. Since the interrupt trigger is a level interrupt, the
interrupt should be disabled in the interrupt handler.
• Bit 1:0 - EELVL[1:0]: EEPROM Ready Interrupt Level
These bits enable the EEPROM Ready Interrupt and select the interrupt level as described in
”Interrupts and Programmable Multi-level Interrupt Controller” on page 95. The interrupt is a
level interrupt, which will be triggered when the BUSY flag in the STATUS is set to logical 0.
Since the interrupt is a level interrupt note the following.
The interrupt should not be enabled before triggering a NVM command, as the BUSY flag wont
be set before the NVM command is triggered. Since the interrupt trigger is a level interrupt, the
interrupt should be disabled in the interrupt handler.
4.12.11
STATUS - Non-Volatile Memory Status Register
• Bit 7 - NVMBUSY: Non-Volatile Memory Busy
The NVMBSY flag indicates whether the NVM memory (FLASH, EEPROM, Lock-bits) is busy
being programmed. Once a program operation is started, this flag will be set and it remains set
until the program operation is completed. he NVMBSY flag will automatically be cleared when
the operation is finished.
• Bit 6 - FBUSY: Flash Section Busy
The FBUSY flag indicate whether a Flash operation (Page Erase or Page Write) is initiated.
Once a operation is started the FBUSY flag is set, and the Application Section cannot be
accessed. The FBUSY bit will automatically be cleared when the operation is finished.
• Bit 5:2 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 1 - EELOAD: EEPROM Page Buffer Active Loading
The EELOAD status flag indicates that the temporary EEPROM page buffer has been loaded
with one or more data bytes. Immediately after an EEPROM load command is issued and byte is
written to NVMDR, or a memory mapped EEPROM buffer load operation is performed, the
EELOAD flag is set, and it remains set until an EEPROM page write- or a page buffer flush oper-
ation is executed.
Bit
7
6
5432
1
0
+0x04
BUSY
FBUSY
–
–
–
–
EELOAD
FLOAD
STATUS
Read/Write
R
R
RRRR
R
R
Initial Value
0
0
0000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com