Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 40 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 40 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 36Page - Motorola, Inc HC05 Datasheet HTML 37Page - Motorola, Inc HC05 Datasheet HTML 38Page - Motorola, Inc HC05 Datasheet HTML 39Page - Motorola, Inc HC05 Datasheet HTML 40Page - Motorola, Inc HC05 Datasheet HTML 41Page - Motorola, Inc HC05 Datasheet HTML 42Page - Motorola, Inc HC05 Datasheet HTML 43Page - Motorola, Inc HC05 Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 232 page
background image
MOTOROLA
2-16
MC68HC05X16
Rev. 1
MODES OF OPERATION AND PIN DESCRIPTIONS
2
2.3.15
VPP1
The VPP1 pin is the output of the charge pump for the EEPROM1 array.
2.3.16
VRH
The VRH pin is the positive reference voltage for the A/D converter.
2.3.17
VRL
The VRL pin is the negative reference voltage for the A/D converter.
2.3.18
PA0 – PA7/PB0 – PB7/PC0 – PC7
These 24 I/O lines comprise ports A, B and C. The state of any pin is software programmable, and
all the pins are configured as inputs during power-on or reset.
Under software control the PC2 pin can output the internal E-clock (see Section 4.2).
Resistive pull downs are provided on port B and/or port C and can be enabled via a mask option
(see Section 1.2). Wired-OR interrupt capability is provided on all pins of port B (see
Section 10.2.3.3).
2.3.19
NWOI
This pin provides another wired-OR interrupt capability in addition to port B. Wired-OR interrupts
are requested when this pin is pulled high (if wired-OR interrupts are enabled), i.e. interrupt
sensitivity on this pin is complementary to sensitivity on the IRQ pin (see Table 10-3 in
Section 10.2.3.1). When this pin is not in use it is recommended that it be tied to VSS in noisy
conditions. It is not necessary to tie NWOI to VSS when there is a negligible amount of noise
present.
2.3.20
PD0/AN0–PD7/AN7
This 8-bit input only port (D) shares its pins with the A/D converter. When enabled, the A/D
converter uses pins PD0/AN0 – PD7/AN7 as its analog inputs. On reset, the A/D converter is
disabled which forces the port D pins to be input only port pins (see Section 9.5).
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com