Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 69 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 69 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 65Page - Motorola, Inc HC05 Datasheet HTML 66Page - Motorola, Inc HC05 Datasheet HTML 67Page - Motorola, Inc HC05 Datasheet HTML 68Page - Motorola, Inc HC05 Datasheet HTML 69Page - Motorola, Inc HC05 Datasheet HTML 70Page - Motorola, Inc HC05 Datasheet HTML 71Page - Motorola, Inc HC05 Datasheet HTML 72Page - Motorola, Inc HC05 Datasheet HTML 73Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
5-7
MOTOROLA CAN MODULE (MCAN)
5
RIE — Receive interrupt enable
1 (set)
–
Enabled – The CPU will get an interrupt request whenever a
message has been received free of errors.
0 (clear) –
Disabled – The CPU will get no receive interrupt request.
RR — Reset request
When the MCAN detects that RR has been set it aborts the current transmission or reception of a
message and enters the reset state. A reset request may be generated by either an external reset
or by the CPU or by the MCAN. The RR bit can be cleared only by the CPU. After the RR bit has
been cleared, the MCAN will start normal operation in one of two ways. If RR was generated by
an external reset or by the CPU, then the MCAN starts normal operation after the first occurrence
of 11 recessive bits. If, however, the RR was generated by the MCAN due to the BS bit being set
(see Section 5.3.3) the MCAN waits for 128 occurrences of 11 recessive bits before starting
normal operation.
A reset request should not be generated by the CPU during a message transmission. Ensure that
a message is not being transmitted as follows:
if TCS in CSTAT is clear – set AT in CCOM (use STA or STX), read CSTAT.
if TS in CSTAT is set – wait until TS is clear.
Note that a CPU-generated reset request does not change the values in the transmit and receive
error counters.
1 (set)
–
Present – MCAN will be reset.
0 (clear) –
Absent – MCAN will operate normally.
Note:
The following registers may only be accessed when reset request = present: CACC,
CACM, CBT0, CBT1, and COCNTRL.
5.3.2
MCAN command register (CCOM)
This is a write only register; a read of this location will always return the value $FF.
This register may be written only when the RR bit in CCNTRL is clear.
Do not use read-modify-write instructions on this register (e.g. BSET, BCLR).
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Reset
condition
State
on reset
MCAN command (CCOM) $0020
RX0
RX1 COMPSEL SLEEP COS
RRB
AT
TR
External reset 00u0 0000
RR bit set
00u0 0000
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com