Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 26 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 26 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 22Page - Motorola, Inc HC05 Datasheet HTML 23Page - Motorola, Inc HC05 Datasheet HTML 24Page - Motorola, Inc HC05 Datasheet HTML 25Page - Motorola, Inc HC05 Datasheet HTML 26Page - Motorola, Inc HC05 Datasheet HTML 27Page - Motorola, Inc HC05 Datasheet HTML 28Page - Motorola, Inc HC05 Datasheet HTML 29Page - Motorola, Inc HC05 Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 232 page
background image
MOTOROLA
2-2
MC68HC05X16
Rev. 1
MODES OF OPERATION AND PIN DESCRIPTIONS
2
2.1.2
Bootstrap mode
To place the part in bootstrap mode, the following conditions must be met during transition of the
RESET pin from low to high:
1) IRQ pin at 2xVDD OR MDS pin at VDD
2) TCAP1 pin at VDD
3) TCAP2 pin at VSS
PD4 and PD3 are connected according to the values given in Table 2-1 to select the device’s
function from the following three functions:
•
Execute serial RAM loader program
•
Jump to RAM + 1
•
Jump to any address
If the SEC bit in the option register is set, on first entering bootstrap mode the RAM and the EEPROM
are completely erased. The option register which contains the security bit is erased last, before any
program can be executed. The bootstrap software is implemented in the following locations:
•
RAM load and execute from $03B0 to $03FD
•
Vectors and program select from $7F80 to $7FEF
Figure 2-1 Bootstrap mode function selection flow chart
Save PD in RAM. Erase
whole EEPROM + RAM
and check EPROM +
SEC bit.
ENTRY
PD4 set
?
PD3 set
?
SEC bit active?
Jump to address
defined by ports A, B
and C.
NO
YES
YES
NO
NO
PD4 set
?
Reserved for
Motorola use.
Serial RAM bootstrap
loader.
Jump to RAM + 1.
YES
NO
YES
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com