Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 98 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 98 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 94Page - Motorola, Inc HC05 Datasheet HTML 95Page - Motorola, Inc HC05 Datasheet HTML 96Page - Motorola, Inc HC05 Datasheet HTML 97Page - Motorola, Inc HC05 Datasheet HTML 98Page - Motorola, Inc HC05 Datasheet HTML 99Page - Motorola, Inc HC05 Datasheet HTML 100Page - Motorola, Inc HC05 Datasheet HTML 101Page - Motorola, Inc HC05 Datasheet HTML 102Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 232 page
background image
MOTOROLA
6-10
MC68HC05X16
Rev. 1
PROGRAMMABLE TIMER
6
The purpose of this procedure is to prevent the OCF1 bit from being set between the time it is read
and the write to the corresponding output compare register.
All bits of the output compare register are readable and writable and are not altered by the timer
hardware or reset. If the compare function is not needed, the two bytes of the output compare
register can be used as storage locations.
6.4.2
Output compare register 2 (OCR2)
The 16-bit output compare register 2 is made up of two 8-bit registers at locations $1E (MSB) and
$1F (LSB). The contents of the output compare register 2 are compared with the contents of the
free-running counter continually and, if a match is found, the corresponding output compare flag
(OCF2) in the timer status register is set and the output level (OLVL2) is transferred to pin TCMP2.
The output compare register 2 values and the output level bit should be changed after each
successful comparison to establish a new elapsed timeout. An interrupt can also accompany a
successful output compare provided the corresponding interrupt enable bit (OCIE) is set. (The
free-running counter is updated every four internal bus clock cycles.)
After a processor write cycle to the output compare register 2 containing the MSB ($1E), the output
compare function is inhibited until the LSB ($1F) is also written. The user must write both bytes
(locations) if the MSB is written first. A write made only to the LSB ($1F) will not inhibit the compare
2 function. The processor can write to either byte of the output compare register 2 without affecting
the other byte. The output level (OLVL2) bit is clocked to the output level register and hence to the
TCMP2 pin whether the output compare flag 2 (OCF2) is set or clear. The minimum time required
to update the output compare register 2 is a function of the program rather than the internal
hardware. Because the output compare flag 2 and the output compare register 2 are not defined
at power on, and not affected by reset, care must be taken when initializing output compare
functions with software. The following procedure is recommended:
–
Write to output compare high 2 to inhibit further compares;
–
Read the timer status register to clear OCF2 (if set);
–
Write to output compare low 2 to enable the output compare 2 function.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Output compare high 2
$001E
Undefined
Output compare low 2
$001F
Undefined
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com