Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 82 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 82 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 78Page - Motorola, Inc HC05 Datasheet HTML 79Page - Motorola, Inc HC05 Datasheet HTML 80Page - Motorola, Inc HC05 Datasheet HTML 81Page - Motorola, Inc HC05 Datasheet HTML 82Page - Motorola, Inc HC05 Datasheet HTML 83Page - Motorola, Inc HC05 Datasheet HTML 84Page - Motorola, Inc HC05 Datasheet HTML 85Page - Motorola, Inc HC05 Datasheet HTML 86Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 232 page
background image
MOTOROLA
5-20
MC68HC05X16
Rev. 1
MOTOROLA CAN MODULE (MCAN)
5
5.3.10
Transmit buffer identifier register (TBI)
ID10 – ID3 — Identifier bits
The identifier consists of 11 bits (ID10 – ID0). ID10 is the most significant bit and is transmitted first
on the bus during the arbitration procedure. The priority of an identifier is defined to be highest for
the smallest binary number. The three least significant bits are contained in the TRTDL register.
The seven most significant bits must not all be recessive.
5.3.11
Remote transmission request and data length code
register (TRTDL)
ID2 – ID0 — Identifier bits
These bits contain the least significant bits of the transmit buffer identifier.
RTR — Remote transmission request
1 (set)
–
A remote frame will be transmitted.
0 (clear) –
A data frame will be transmitted.
DLC3 – DLC0 — Data length code bits.
The data length code contains the number of bytes (data byte count) of the respective message.
At transmission of a remote frame, the data length code is ignored, forcing the number of bytes to
be 0. The data byte count ranges from 0 to 8 for a data frame. Table 5-6 shows the effect of setting
the DLC bits.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Transmit buffer identifier (TBI)
$002A
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
Undefined
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
RTR and data length code (TRTDL)
$002B
ID2
ID1
ID0
RTR
DLC3
DLC2
DLC1
DLC0
Undefined
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com