Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 92 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 92 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 88Page - Motorola, Inc HC05 Datasheet HTML 89Page - Motorola, Inc HC05 Datasheet HTML 90Page - Motorola, Inc HC05 Datasheet HTML 91Page - Motorola, Inc HC05 Datasheet HTML 92Page - Motorola, Inc HC05 Datasheet HTML 93Page - Motorola, Inc HC05 Datasheet HTML 94Page - Motorola, Inc HC05 Datasheet HTML 95Page - Motorola, Inc HC05 Datasheet HTML 96Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 232 page
background image
MOTOROLA
6-4
MC68HC05X16
Rev. 1
PROGRAMMABLE TIMER
6
6.2
Timer control and status
The various functions of the timer are monitored and controlled using the timer control and status
registers described below.
6.2.1
Timer control register (TCR)
The timer control register ($0012) is used to enable the input captures (ICIE), output compares
(OCIE), and timer overflow (TOIE) functions as well as forcing output compares (FOLV1 and
FOLV2), selecting input edge sensitivity (IEDG1) and levels of output polarity (OLV1 and OLV2).
ICIE — Input captures interrupt enable
If this bit is set, a timer interrupt is enabled whenever the ICF1 or ICF2 status flag (in the timer
status register) is set.
1 (set)
–
Interrupt enabled.
0 (clear) –
Interrupt disabled.
OCIE — Output compares interrupt enable
If this bit is set, a timer interrupt is enabled whenever the OCF1 or OCF2 status flag (in the timer
status register) is set.
1 (set)
–
Interrupt enabled.
0 (clear) –
Interrupt disabled.
TOIE — Timer overflow interrupt enable
If this bit is set, a timer interrupt is enabled whenever the TOF status flag (in the timer status
register) is set.
1 (set)
–
Interrupt enabled.
0 (clear) –
Interrupt disabled.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Timer control (TCR)
$0012
ICIE
OCIE
TOIE
FOLV2 FOLV1
OLV2
IEDG1
OLV1
0000 00u0
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com