Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 89 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 89 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 85Page - Motorola, Inc HC05 Datasheet HTML 86Page - Motorola, Inc HC05 Datasheet HTML 87Page - Motorola, Inc HC05 Datasheet HTML 88Page - Motorola, Inc HC05 Datasheet HTML 89Page - Motorola, Inc HC05 Datasheet HTML 90Page - Motorola, Inc HC05 Datasheet HTML 91Page - Motorola, Inc HC05 Datasheet HTML 92Page - Motorola, Inc HC05 Datasheet HTML 93Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
6-1
PROGRAMMABLE TIMER
6
6
PROGRAMMABLE TIMER
The programmable timer on the MC68HC05X32 consists of a 16-bit read-only free-running
counter, with a fixed divide-by-four prescaler, plus the input capture/output compare circuitry. The
timer can be used for many purposes including measuring pulse length of two input signals and
generating two output signals. Pulse lengths for both input and output signals can vary from
several microseconds to many seconds. In addition, it works in conjunction with the pulse width
modulation (PWM) system to execute two 8-bit D/A PLM (pulse length modulation) conversions,
with a choice of two repetition rates. The timer is also capable of generating periodic interrupts or
indicating passage of an arbitrary multiple of four CPU cycles. A block diagram is shown in
Figure 6-1, and timing diagrams are shown in Figure 6-2, Figure 6-3, Figure 6-4 and Figure 6-5.
The timer has a 16-bit architecture, hence each specific functional segment is represented by two
8-bit registers (except the PLMA and PLMB which use one 8-bit register for each). These registers
contain the high and low byte of that functional segment. Accessing the low byte of a specific timer
function allows full control of that function; however, an access of the high byte inhibits that specific
timer function until the low byte is also accessed.
The 16-bit programmable timer is monitored and controlled by a group of sixteen registers, full
details of which are contained in this section.
Note:
A problem may arise if an interrupt occurs in the time between the high and low bytes
being accessed. To prevent this, the I-bit in the condition code register (CCR) should be
set while manipulating both the high and low byte register of a specific timer function,
ensuring that an interrupt does not occur.
6.1
Counter
The key element in the programmable timer is a 16-bit, free-running counter or counter register,
preceded by a prescaler that divides the internal processor clock by four. The prescaler gives the
timer a resolution of 2
µs if the internal bus clock is 2 MHz. The counter is incremented during the
low portion of the internal bus clock. Software can read the counter at any time without affecting
its value.
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com