Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 67 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 67 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 63Page - Motorola, Inc HC05 Datasheet HTML 64Page - Motorola, Inc HC05 Datasheet HTML 65Page - Motorola, Inc HC05 Datasheet HTML 66Page - Motorola, Inc HC05 Datasheet HTML 67Page - Motorola, Inc HC05 Datasheet HTML 68Page - Motorola, Inc HC05 Datasheet HTML 69Page - Motorola, Inc HC05 Datasheet HTML 70Page - Motorola, Inc HC05 Datasheet HTML 71Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
5-5
MOTOROLA CAN MODULE (MCAN)
5
In a similar manner, the CPU module is notified that a message has been received only if it was
error free. If any error occurs, the MCAN signals the error within the CAN protocol without CPU
intervention.
The MCAN within the MC68HC05X16 is controlled using a block of 30 registers. This comprises
10 control registers, 10 Transmit buffer registers and 10 receive buffer registers. These registers
are memory mapped between $20 and $3D (see Figure 5-3).
Note:
There is an offset of $20 between the MC68HC05X16 addresses and the MCAN
internal addresses, i.e. MCAN addresses $00 to $1D, as defined in the BOSCH CAN
specification, are mapped to MC68HC05X16 addresses $20 to $3D.
Figure 5-3 MCAN module memory map
MCAN
control registers
10 bytes
MCAN
transmit buffer
10 bytes
MCAN
receive buffer
10 bytes
Command register
Status register
Interrupt register
Control register
$0020
Output control register
Acceptance code register
Acceptance mask register
Bus timing register 1
Bus timing register 2
Test register
Identifier
RTR-bit, data length code
Data segment byte 1
Data segment byte 2
Data segment byte 3
Data segment byte 4
Data segment byte 5
Data segment byte 6
Data segment byte 7
Data segment byte 8
$0021
$0022
$0023
$0024
$0025
$0026
$0027
$0028
$0029
$002A
$002B
$002C
$002D
$002E
$002F
$0030
$0031
$0032
$0033
Identifier
RTR-bit, data length code
Data segment byte 1
Data segment byte 2
Data segment byte 3
Data segment byte 4
Data segment byte 5
Data segment byte 6
Data segment byte 7
Data segment byte 8
$0034
$0035
$0036
$0037
$0038
$0039
$003A
$003B
$003C
$003D
MCAN registers
MCAN register blocks
$0020
$0029
$002A
$0033
$0034
$003D
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com