Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 38 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 38 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 34Page - Motorola, Inc HC05 Datasheet HTML 35Page - Motorola, Inc HC05 Datasheet HTML 36Page - Motorola, Inc HC05 Datasheet HTML 37Page - Motorola, Inc HC05 Datasheet HTML 38Page - Motorola, Inc HC05 Datasheet HTML 39Page - Motorola, Inc HC05 Datasheet HTML 40Page - Motorola, Inc HC05 Datasheet HTML 41Page - Motorola, Inc HC05 Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 232 page
background image
MOTOROLA
2-14
MC68HC05X16
Rev. 1
MODES OF OPERATION AND PIN DESCRIPTIONS
2
Figure 2-6 Oscillator connections
Ceramic resonator
2 – 4MHz
Unit
RS(typ)
10
W
C0
40
pF
C1
4.3
pF
COSC1
30
pF
COSC2
30
pF
Q
1250
—
Crystal
2MHz
4MHz
Unit
RS(max)
400
75
W
C0
57
pF
C1
812
ƒF
COSC1
15 – 40
15 – 30
pF
COSC2
15 – 30
15 – 25
pF
Q
30 000
40 000
—
OSC1
OSC2
MCU
COSC2
COSC1
OSC1
OSC2
MCU
NC
External
clock
OSC1
OSC2
RS
C1
L
C0
(d) Typical crystal and ceramic resonator parameters
(c) External clock source connections
(b) Crystal equivalent circuit
(a) Crystal/ceramic resonator
oscillator connections
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com