Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 56 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 56 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 52Page - Motorola, Inc HC05 Datasheet HTML 53Page - Motorola, Inc HC05 Datasheet HTML 54Page - Motorola, Inc HC05 Datasheet HTML 55Page - Motorola, Inc HC05 Datasheet HTML 56Page - Motorola, Inc HC05 Datasheet HTML 57Page - Motorola, Inc HC05 Datasheet HTML 58Page - Motorola, Inc HC05 Datasheet HTML 59Page - Motorola, Inc HC05 Datasheet HTML 60Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 232 page
background image
MOTOROLA
4-2
MC68HC05X16
Rev. 1
INPUT/OUTPUT PORTS
4
Table 4-1 shows the effect of reading from or writing to an I/O pin in various circumstances. Note
that the read/write signal shown is internal and not available to the user.
4.2
Ports A and B
These ports are standard M68HC05 bidirectional I/O ports, each comprising a data register and a
data direction register.
Reset does not affect the state of the data register, but clears the data direction register, thereby
returning all port pins to input mode. Writing a ‘1’ to any DDR bit sets the corresponding port pin
to output mode.
Wired-OR interrupts are provided on all pins of port B. If WOIE is enabled, any combination of high
logic levels on port B pins which are programmed as inputs will trigger an external interrupt. See
Section 10.2.3.2.
Figure 4-1 Standard I/O port structure
Table 4-1 I/O pin states
R/W
DDRn
Action of MCU write to/read of data bit
0
0
The I/O pin is in input mode. Data is written into the output data latch.
0
1
Data is written into the output data latch, and output to the I/O pin.
1
0
The state of the I/O pin is read.
1
1
The I/O pin is in output mode. The output data latch is read.
Latched data
register bit
DDRn
DATA
Input
buffer
Output
buffer
O/P
data
buffer
DDRn
DATA
I/O Pin
100
111
0
0
tristate
0
1
tristate
I/O
Pin
Output
Input
Data direction
register bit
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com