Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 41 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 41 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 37Page - Motorola, Inc HC05 Datasheet HTML 38Page - Motorola, Inc HC05 Datasheet HTML 39Page - Motorola, Inc HC05 Datasheet HTML 40Page - Motorola, Inc HC05 Datasheet HTML 41Page - Motorola, Inc HC05 Datasheet HTML 42Page - Motorola, Inc HC05 Datasheet HTML 43Page - Motorola, Inc HC05 Datasheet HTML 44Page - Motorola, Inc HC05 Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
2-17
MODES OF OPERATION AND PIN DESCRIPTIONS
2
2.3.21
VDD1
This pin is the power input for the input comparator of the MCAN module.
2.3.22
VSS1
This pin is the ground connection for the input comparator of the MCAN bus.
2.3.23
VDDH
This pin provides the high voltage reference output for the MCAN bus. The output voltage is equal
to VDD
÷2.
2.3.24
RX0/RX1
These input pins connect the physical bus lines to the input comparator (receive). When the MCAN
is in SLEEP mode, a dominant level on these pins will wake it up.
2.3.25
TX0/TX1
These output pins connect the output drivers of the MCAN bus to the physical bus lines (transmit).
MCAN bus lines. The bus can have one of two complementary values: dominant or recessive.
During simultaneous transmission of dominant and recessive bits the resulting bus value will be
dominant. For example with a positive logic wired-AND implementation of the bus, the dominant
level would correspond to a logic 0 and the recessive level to a logic 1.
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com