Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 43 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 43 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 39Page - Motorola, Inc HC05 Datasheet HTML 40Page - Motorola, Inc HC05 Datasheet HTML 41Page - Motorola, Inc HC05 Datasheet HTML 42Page - Motorola, Inc HC05 Datasheet HTML 43Page - Motorola, Inc HC05 Datasheet HTML 44Page - Motorola, Inc HC05 Datasheet HTML 45Page - Motorola, Inc HC05 Datasheet HTML 46Page - Motorola, Inc HC05 Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
3-1
MEMORY AND REGISTERS
3
3
MEMORY AND REGISTERS
The MC68HC05X16 MCU is capable of addressing 16384 bytes of memory and registers with its
program counter. The memory map includes 15118 bytes of user ROM (including user vectors),
576 bytes of bootstrap ROM, 352 bytes of RAM and 256 bytes of EEPROM.
3.1
Registers
All the I/O, control and status registers of the MC68HC05X16 are contained within the first 32-byte
block of the memory map, as shown in Figure 3-1. MCAN registers are contained in the next 30
bytes of memory.
The miscellaneous register is shown in Section 3.8 as this register contains bits which are relevant
to several modules.
3.2
RAM
The user RAM comprises 176 bytes of memory, from $0050 to $00FF. This is shared with a 64 byte
stack area. The stack begins at $00FF and may extend down to $00C0. The user RAM also
comprises 176 bytes from $0250 to $02FF which is completely free for the user.
Note:
Using the stack area for data storage or temporary work locations requires care to prevent
the data from being overwritten due to stacking from an interrupt or subroutine call.
3.3
ROM
The user ROM consists of 15118 bytes of ROM mapped as follows:
•
15102 bytes of user ROM from $0300 to $3DFD
•
16 bytes of user vectors from $3FF0 to $3FFF
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com