Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 25 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 25 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 21Page - Motorola, Inc HC05 Datasheet HTML 22Page - Motorola, Inc HC05 Datasheet HTML 23Page - Motorola, Inc HC05 Datasheet HTML 24Page - Motorola, Inc HC05 Datasheet HTML 25Page - Motorola, Inc HC05 Datasheet HTML 26Page - Motorola, Inc HC05 Datasheet HTML 27Page - Motorola, Inc HC05 Datasheet HTML 28Page - Motorola, Inc HC05 Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
2-1
MODES OF OPERATION AND PIN DESCRIPTIONS
2
2
MODES OF OPERATION AND
PIN DESCRIPTIONS
2.1
Modes of operation
The MC68HC05X16 MCU has two modes of operation, single-chip mode and bootstrap mode. In
the MC68HC05X16 the single-chip mode is the normal user operating frequency Table 2-1 shows
the conditions required to enter each mode on the rising edge of RESET.
Note:
On the rising edge of RESET, holding the IRQ pin at 2 x VDD is equivalent to holding
the MDS pin at VDD. The device cannot enter single-chip mode unless MDS is tied to
VSS (or left floating) and IRQ is below VDD.
2.1.1
Single-chip mode
This is the normal user operating mode of the MC68HC05X16. In this mode the device functions
as a self-contained microcomputer (MCU) with all on-board peripherals, including the three 8-bit
I/O ports and the 8-bit input-only port, available to the user. All address and data activity occurs
within the MCU.
Table 2-1 Mode of operation selection
MDS
IRQ
TCAP1
TCAP2
PD3
PD4
Mode
VSS
AND
VSS to VDD
VSS to VDD
X
X
X
Single-chip
VDD
OR
2VDD
VSS
X
0
0
Reserved for Motorola use
Bootstrap mode:
VDD
OR
2VDD
VDD
VSS
1
1
Serial RAM loader
VDD
OR
2VDD
VDD
VSS
1
0
Jump to RAM + 1
VDD
OR
2VDD
VDD
VSS
0
1
Jump to any address
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com