Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 45 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 45 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 41Page - Motorola, Inc HC05 Datasheet HTML 42Page - Motorola, Inc HC05 Datasheet HTML 43Page - Motorola, Inc HC05 Datasheet HTML 44Page - Motorola, Inc HC05 Datasheet HTML 45Page - Motorola, Inc HC05 Datasheet HTML 46Page - Motorola, Inc HC05 Datasheet HTML 47Page - Motorola, Inc HC05 Datasheet HTML 48Page - Motorola, Inc HC05 Datasheet HTML 49Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
3-3
MEMORY AND REGISTERS
3
3.4
Bootstrap ROM
There are two areas of bootstrap ROM (ROMI and ROMII) located from $0200 to $024F (80 bytes)
and $3DFE to $3FEF (498 bytes) respectively.
Figure 3-2 MCAN module memory map
MCAN
control registers
10 bytes
MCAN
transmit buffer
10 bytes
MCAN
receive buffer
10 bytes
Command register
Status register
Interrupt register
Control register
$0020
Output control register
Acceptance code register
Acceptance mask register
Bus timing register 1
Bus timing register 2
Test register
Identifier
RTR-bit, data length code
Data segment byte 1
Data segment byte 2
Data segment byte 3
Data segment byte 4
Data segment byte 5
Data segment byte 6
Data segment byte 7
Data segment byte 8
$0021
$0022
$0023
$0024
$0025
$0026
$0027
$0028
$0029
$002A
$002B
$002C
$002D
$002E
$002F
$0030
$0031
$0032
$0033
Identifier
RTR-bit, data length code
Data segment byte 1
Data segment byte 2
Data segment byte 3
Data segment byte 4
Data segment byte 5
Data segment byte 6
Data segment byte 7
Data segment byte 8
$0034
$0035
$0036
$0037
$0038
$0039
$003A
$003B
$003C
$003D
MCAN registers
MCAN register blocks
$0020
$0029
$002A
$0033
$0034
$003D
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com