Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 47 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 47 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 43Page - Motorola, Inc HC05 Datasheet HTML 44Page - Motorola, Inc HC05 Datasheet HTML 45Page - Motorola, Inc HC05 Datasheet HTML 46Page - Motorola, Inc HC05 Datasheet HTML 47Page - Motorola, Inc HC05 Datasheet HTML 48Page - Motorola, Inc HC05 Datasheet HTML 49Page - Motorola, Inc HC05 Datasheet HTML 50Page - Motorola, Inc HC05 Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
3-5
MEMORY AND REGISTERS
3
CAF — MCAN asleep flag
This flag is set by the MCU when the MCAN module enters SLEEP mode. This is the only
indication that the MCAN is asleep (see Section 5.5). The bit is cleared when the MCAN wakes up.
1 (set)
–
The MCAN module is in SLEEP mode.
0 (clear) –
The MCAN module is not in SLEEP mode.
ECLK — External clock option bit
See Section 4.3 for a description of this bit.
E1ERA — EEPROM erase/programming bit
Providing the E1LAT and E1PGM bits are at logic one, this bit indicates whether the access to the
EEPROM is for erasing or programming purposes.
1 (set)
–
An erase operation will take place.
0 (clear) –
A programming operation will take place.
Once the program/erase EEPROM address has been selected, E1ERA cannot be changed.
E1LAT — EEPROM programming latch enable bit
1 (set)
–
Address and data can be latched into the EEPROM for further
program or erase operations, providing the E1PGM bit is cleared.
0 (clear) –
Data can be read from the EEPROM. The E1ERA bit and the E1PGM
bit are reset to zero when E1LAT is ‘0’.
STOP, power-on and external reset clear the E1LAT bit.
Note:
After the tERA1 erase time or tPROG1 programming time, the E1LAT bit has to be reset
to zero in order to clear the E1ERA bit and the E1PGM bit.
E1PGM — EEPROM charge pump enable/disable
1 (set)
–
Internal charge pump generator switched on.
0 (clear) –
Internal charge pump generator switched off.
When the charge pump generator is on, the resulting high voltage is applied to the EEPROM array.
This bit cannot be set before the data is selected, and once this bit has been set it can only be
cleared by clearing the E1LAT bit.
A summary of the effects of setting/clearing bits 0, 1 and 2 of the control register are give in Table 3-1.
Note:
Not all combinations are shown in Table 3-1, since the E1PGM and E1ERA bits are
cleared when the E1LAT bit is at zero, resulting in a read condition.
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com