Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 71 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 71 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 67Page - Motorola, Inc HC05 Datasheet HTML 68Page - Motorola, Inc HC05 Datasheet HTML 69Page - Motorola, Inc HC05 Datasheet HTML 70Page - Motorola, Inc HC05 Datasheet HTML 71Page - Motorola, Inc HC05 Datasheet HTML 72Page - Motorola, Inc HC05 Datasheet HTML 73Page - Motorola, Inc HC05 Datasheet HTML 74Page - Motorola, Inc HC05 Datasheet HTML 75Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
5-9
MOTOROLA CAN MODULE (MCAN)
5
frame sequence (11 recessive bits). The designer must take this into consideration
when planning to use the sleep command.
COS — Clear overrun status
1 (set)
–
This clears the read-only data overrun status bit in the CSTAT register
(see Section 5.3.3). It may be written at the same time as RRB.
0 (clear) –
No action.
RRB — Release receive buffer
When set this releases the receive buffer currently attached to the CPU, allowing the buffer to be
reused by the MCAN. This may result in another message being received, which could cause
another receive interrupt request (if RIE is set). This bit is cleared automatically when a message
is received, i.e. when the RS bit (see Section 5.3.3) becomes set.
1 (set)
–
Released – receive buffer is available to the MCAN.
0 (clear) –
No action.
AT — Abort transmission
When this bit is set a pending transmission will be cancelled if it is not already in progress, allowing
the transmit buffer to be loaded with a new (higher priority) message when the buffer is released.
If the CPU tries to write to the buffer when it is locked, the information will be lost without being
signalled. The status register can be checked to see if transmission was aborted or is still in
progress.
1 (set)
–
Present – Abort transmission of any pending messages.
0 (clear) –
No action.
TR — Transmission request
1 (set)
–
Present – Depending on the transmission buffer’s content, a data
frame or a remote frame will be transmitted.
0 (clear) –
No action. This will not cancel a previously requested transmission;
the abort transmission command must be used to do this.
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com