Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 57 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 57 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 53Page - Motorola, Inc HC05 Datasheet HTML 54Page - Motorola, Inc HC05 Datasheet HTML 55Page - Motorola, Inc HC05 Datasheet HTML 56Page - Motorola, Inc HC05 Datasheet HTML 57Page - Motorola, Inc HC05 Datasheet HTML 58Page - Motorola, Inc HC05 Datasheet HTML 59Page - Motorola, Inc HC05 Datasheet HTML 60Page - Motorola, Inc HC05 Datasheet HTML 61Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
4-3
INPUT/OUTPUT PORTS
4
A mask option is provided to enable resistive pull downs on all port B pins that are programmed
as inputs.
4.3
Port C
In addition to the standard port functions described for ports A and B, port C pin 2 can be
configured, using the ECLK bit of the EEPROM/ECLK control register, to output the CPU clock. If
this is selected the corresponding DDR bit is automatically set and bit 2 of port C will always read
the output data latch. The other port C pins are not affected by this feature.
A mask option is provided to enable resistive pull downs on all port C pins that are programmed
as inputs.
ECLK — External clock option bit
1 (set)
–
ECLK CPU clock is output on PC2.
0 (clear)
–
ECLK CPU clock is not output on PC2; port C acts as a normal I/O port.
The ECLK bit is cleared by power-on or external reset. It is not affected by the execution of a STOP
or WAIT instruction.
The timing diagram of the clock output is shown in Figure 4-2.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
EEPROM/ECLK control
$0007
0000
ECLK E1ERA E1LAT E1PGM 0000 0000
Figure 4-2 ECLK timing diagram
Internal clock (PHI2)
External clock (ECLK/PC2)
Output port (if write to output port)
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com