Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 87 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 87 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 83Page - Motorola, Inc HC05 Datasheet HTML 84Page - Motorola, Inc HC05 Datasheet HTML 85Page - Motorola, Inc HC05 Datasheet HTML 86Page - Motorola, Inc HC05 Datasheet HTML 87Page - Motorola, Inc HC05 Datasheet HTML 88Page - Motorola, Inc HC05 Datasheet HTML 89Page - Motorola, Inc HC05 Datasheet HTML 90Page - Motorola, Inc HC05 Datasheet HTML 91Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
5-25
MOTOROLA CAN MODULE (MCAN)
5
When a dominant level is detected on the MCAN bus, the MCAN is woken up and a wake-up
interrupt is generated.
Under normal operation the two MCAN bus lines are forced to complementary logic levels. The
level of one of the two wires can be disregarded and replaced by VDD/2 by setting one of the control
bits, RX0 or RX1.
5.5.1
Sleep comparator reference
When the COMPSEL bit in the MCAN command register ($21) is cleared the sleep comparator
inputs are the same as for the active comparator. However, when the COMPSEL bit is set each
input is compared with VDD/2 (VDDH – see Figure 5-6) to detect a dominant level. For further
details of the active comparator, the sleep comparator and VDDH, refer to Section 12.
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com