Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 31 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 31 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 27Page - Motorola, Inc HC05 Datasheet HTML 28Page - Motorola, Inc HC05 Datasheet HTML 29Page - Motorola, Inc HC05 Datasheet HTML 30Page - Motorola, Inc HC05 Datasheet HTML 31Page - Motorola, Inc HC05 Datasheet HTML 32Page - Motorola, Inc HC05 Datasheet HTML 33Page - Motorola, Inc HC05 Datasheet HTML 34Page - Motorola, Inc HC05 Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
2-7
MODES OF OPERATION AND PIN DESCRIPTIONS
2
2.2.2
WAIT mode
The WAIT instruction places the MCU in a low power consumption mode, but WAIT mode
consumes more power than STOP mode. All CPU action is suspended and the watchdog is
disabled, but the timer, A/D and SCI and MCAN systems remain active and operate as normal (see
flow chart in Figure 2-4). All other memory and registers remain unaltered and all parallel
input/output lines remain unchanged. The programming or erase mechanism of the EEPROM is
also unaffected, as well as the charge pump high voltage generator.
During WAIT mode the I-bit in the CCR is cleared to enable all interrupts. The INTE bit in the
miscellaneous register (Section 2.2.3.1) is not affected by WAIT mode. When any interrupt or reset
is sensed, the program counter vectors to the locations containing the start address of the interrupt
or reset service routine.
Any interrupt or reset condition causes the processor to exit WAIT mode.
If an interrupt exit from WAIT mode is performed, the state of the remaining systems will be
unchanged.
If a reset exit from WAIT mode is performed the entire system reverts to the disabled reset state.
Note:
The stacking corresponding to an eventual interrupt to leave WAIT mode will only be
executed when leaving WAIT mode.
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com