Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 60 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 60 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 56Page - Motorola, Inc HC05 Datasheet HTML 57Page - Motorola, Inc HC05 Datasheet HTML 58Page - Motorola, Inc HC05 Datasheet HTML 59Page - Motorola, Inc HC05 Datasheet HTML 60Page - Motorola, Inc HC05 Datasheet HTML 61Page - Motorola, Inc HC05 Datasheet HTML 62Page - Motorola, Inc HC05 Datasheet HTML 63Page - Motorola, Inc HC05 Datasheet HTML 64Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 232 page
background image
MOTOROLA
4-6
MC68HC05X16
Rev. 1
INPUT/OUTPUT PORTS
4
4.5.5
Data direction registers (DDRA, DDRB and DDRC)
Writing a ‘1’ to any bit configures the corresponding port pin as an output; conversely, writing any
bit to ‘0’ configures the corresponding port pin as an input.
Reset clears these registers, thus configuring all ports as inputs.
4.6
Other port considerations
All output ports can emulate ‘open-drain’ outputs. This is achieved by writing a zero to the relevant
output port latch. By toggling the corresponding data direction bit, the port pin will either be an
output zero or tri-state (an input). This is shown diagrammatically in Figure 4-3.
When using a port pin as an ‘open-drain’ output, certain precautions must be taken in the user
software. If a read-modify-write instruction is used on a port where the ‘open-drain’ is assigned and
the pin at this time is programmed as an input, it will read it as a ‘one’. The read-modify-write
instruction will then write this ‘one’ into the output data latch on the next cycle. This would cause
the ‘open-drain’ pin not to output a ‘zero’ when desired.
Note:
‘Open-drain’ outputs should not be pulled above VDD.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Port A data direction (DDRA)
$0004
0000 0000
Port B data direction (DDRB)
$0005
0000 0000
Port C data direction (DDRC)
$0006
0000 0000
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com