Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 36 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 36 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 32Page - Motorola, Inc HC05 Datasheet HTML 33Page - Motorola, Inc HC05 Datasheet HTML 34Page - Motorola, Inc HC05 Datasheet HTML 35Page - Motorola, Inc HC05 Datasheet HTML 36Page - Motorola, Inc HC05 Datasheet HTML 37Page - Motorola, Inc HC05 Datasheet HTML 38Page - Motorola, Inc HC05 Datasheet HTML 39Page - Motorola, Inc HC05 Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 232 page
background image
MOTOROLA
2-12
MC68HC05X16
Rev. 1
MODES OF OPERATION AND PIN DESCRIPTIONS
2
2.3.4
MDS
A pull-down device is activated on this pin each time the RESET pin is pulled low. Even after the
RESET pin is pulled high, the pull-down on the MDS pin will remain active until the pin is pulled
high. In single-chip mode MDS can be connected to VSS or left floating. When MDS is tied to VDD
at the end of reset, it is used to select any mode of operation other than single-chip mode. This
has the same effect as tying IRQ to 2VDD. See Section 2.1.
Note:
Although this pin can be left floating to select single-chip mode, it is advisable to
hard-connect it to VSS, especially in an electrically noisy environment.
2.3.5
TCAP1
The TCAP1 input controls the input capture 1 function of the on-chip programmable timer system.
2.3.6
TCAP2
The TCAP2 input controls the input capture 2 function of the on-chip programmable timer system.
2.3.7
TCMP1
The TCMP1 pin is the output of the output compare 1 function of the timer system.
2.3.8
TCMP2
The TCMP2 pin is the output of the output compare 2 function of the timer system.
2.3.9
RDI (Receive data in)
The RDI pin is the input pin of the SCI receiver.
2.3.10
TDO (Transmit data out)
The TDO pin is the output pin of the SCI transmitter.
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com