Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 93 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 93 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 89Page - Motorola, Inc HC05 Datasheet HTML 90Page - Motorola, Inc HC05 Datasheet HTML 91Page - Motorola, Inc HC05 Datasheet HTML 92Page - Motorola, Inc HC05 Datasheet HTML 93Page - Motorola, Inc HC05 Datasheet HTML 94Page - Motorola, Inc HC05 Datasheet HTML 95Page - Motorola, Inc HC05 Datasheet HTML 96Page - Motorola, Inc HC05 Datasheet HTML 97Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
6-5
PROGRAMMABLE TIMER
6
FOLV2 — Force output compare 2
This bit always reads as zero, hence writing a zero to this bit has no effect. Writing a one at this position
will force the OLV2 bit to the corresponding output level latch, thus appearing at the TCMP2 pin. Note
that this bit does not affect the OCF2 bit of the status register (see Section 6.4.3).
1 (set)
–
OLV2 bit forced to output level latch.
0 (clear) –
No effect.
FOLV1 — Force output compare 1
This bit always reads as zero, hence writing a zero to this bit has no effect. Writing a one at this position
will force the OLV1 bit to the corresponding output level latch, thus appearing at the TCMP1 pin. Note
that this bit does not affect the OCF1 bit of the status register (see Section 6.4.3).
1 (set)
–
OLV1 bit forced to output level latch.
0 (clear) –
No effect.
OLV2 — Output level 2
When OLV2 is set a high output level will be clocked into the output level register by the next
successful output compare, and will appear on the TCMP2 pin. When clear, it will be a low level
which will appear on the TCMP2 pin.
1 (set)
–
A high output level will appear on the TCMP2 pin.
0 (clear) –
A low output level will appear on the TCMP2 pin.
IEDG1 — Input edge 1
When IEDG1 is set, a positive-going edge on the TCAP1 pin will trigger a transfer of the
free-running counter value to the input capture register 1. When clear, a negative-going edge
triggers the transfer.
1 (set)
–
TCAP1 is positive-going edge sensitive.
0 (clear) –
TCAP1 is negative-going edge sensitive.
Note:
There is no need for an equivalent bit for the input capture register 2 as TCAP2 is
negative-going edge sensitive only.
OLV1 — Output level 1
When OLV1 is set a high output level will be clocked into the output level register by the next
successful output compare, and will appear on the TCMP1 pin. When clear, it will be a low level
which will appear on the TCMP1 pin.
1 (set)
–
A high output level will appear on the TCMP1 pin.
0 (clear) –
A low output level will appear on the TCMP1 pin.
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com