Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 52 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 52 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 48Page - Motorola, Inc HC05 Datasheet HTML 49Page - Motorola, Inc HC05 Datasheet HTML 50Page - Motorola, Inc HC05 Datasheet HTML 51Page - Motorola, Inc HC05 Datasheet HTML 52Page - Motorola, Inc HC05 Datasheet HTML 53Page - Motorola, Inc HC05 Datasheet HTML 54Page - Motorola, Inc HC05 Datasheet HTML 55Page - Motorola, Inc HC05 Datasheet HTML 56Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 232 page
background image
MOTOROLA
3-10
MC68HC05X16
Rev. 1
MEMORY AND REGISTERS
3
(1) These registers can only be accessed when the reset request bit in the control register is set.
Table 3-3 MCAN register outline
Register name
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State on
reset
Control (CCNTRL)
$0020
MODE
SPD
OIE
EIE
TIE
RIE
RR
0u - u uuu1
Command (CCOM)
$0021
RX0
RX1 COMPSEL SLEEP
COS
RRB
AT
TR
00u0 0000
Status (CSTAT)
$0022
BS
ES
TS
RS
TCS
TBA
DO
RBS
uu00 1100
Interrupt (CINT)
$0023
WIF
OIF
EIF
TIF
RIF
- - - 0 0000
Acceptance code (CACC)(1)
$0024
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
Undefined
Acceptance mask (CACM)(1)
$0025
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
Undefined
Bus timing 0 (CBT0)(1)
$0026
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
Undefined
Bus timing 1 (CBT1)(1)
$0027
SAMP TSEG22TSEG21TSEG20TSEG13TSEG12TSEG11TSEG10 Undefined
Output control (COCNTRL)(1)
$0028
OCTP1 OCTN1 OCPOL1 OCTP0 OCTN0 OCPOL0 OCM1 OCM0 Undefined
(reserved)
$0029
Transmit buffer identifier (TBI)
$002A
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
Undefined
RTR-bit, data length code (TRTDL)
$002B
ID2
ID1
ID0
RTR
DLC3
DLC2
DLC1
DLC0
Undefined
Transmit data segment 1 (TDS1)
$002C
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Transmit data segment 2 (TDS2)
$002D
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Transmit data segment 3 (TDS3)
$002E
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Transmit data segment 4 (TDS4)
$002F
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Transmit data segment 5 (TDS5)
$0030
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Transmit data segment 6 (TDS6)
$0031
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Transmit data segment 7 (TDS7)
$0032
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Transmit data segment 8 (TDS8)
$0033
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Receive buffer identifier (RBI)
$0034
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
Undefined
RTR-bit, data length code (RRTDL)
$0035
ID2
ID1
ID0
RTR
DLC3
DLC2
DLC1
DLC0
Undefined
Receive data segment 1 (RDS1)
$0036
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Receive data segment 2 (RDS2)
$0037
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Receive data segment 3 (RDS3)
$0038
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Receive data segment 4 (RDS4)
$0039
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Receive data segment 5 (RDS5)
$003A
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Receive data segment 6 (RDS6)
$003B
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Receive data segment 7 (RDS7)
$003C
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
Receive data segment 8 (RDS8)
$003D
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com