Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 72 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 72 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 68Page - Motorola, Inc HC05 Datasheet HTML 69Page - Motorola, Inc HC05 Datasheet HTML 70Page - Motorola, Inc HC05 Datasheet HTML 71Page - Motorola, Inc HC05 Datasheet HTML 72Page - Motorola, Inc HC05 Datasheet HTML 73Page - Motorola, Inc HC05 Datasheet HTML 74Page - Motorola, Inc HC05 Datasheet HTML 75Page - Motorola, Inc HC05 Datasheet HTML 76Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 232 page
background image
MOTOROLA
5-10
MC68HC05X16
Rev. 1
MOTOROLA CAN MODULE (MCAN)
5
5.3.3
MCAN status register (CSTAT)
This is a read only register; only the MCAN can change its contents.
BS — Bus status
This bit is set (off-bus) by the MCAN when the transmit error counter reaches 256. The MCAN will
then set RR and will remain off-bus until the CPU clears RR again. At this point the MCAN will wait
for 128 successive occurrences of a sequence of 11 recessive bits before clearing BS and
resetting the read and write error counters. While off-bus the MCAN does not take part in bus
activities.
1 (set)
–
Off-bus – The MCAN is not participating in bus activities.
0 (clear) –
On-bus – The MCAN is operating normally.
ES — Error status
1 (set)
–
Error – Either the read or the write error counter has reached the
CPU warning limit of 96.
0 (clear) –
Neither of the error counters has reached 96.
TS — Transmit status
1 (set)
–
Transmit – The MCAN has started to transmit a message.
0 (clear) –
Idle – If the receive status bit is also clear then the MCAN is idle;
otherwise it is in receive mode.
RS — Receive status
1 (set)
–
Receive – The MCAN entered receive mode from idle, or by losing
arbitration during transmission.
0 (clear) –
Idle – If the transmit status bit is also clear then the MCAN is idle;
otherwise it is in transmit mode.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Reset condition
State
on reset
MCAN status
(CSTAT)
$0022
BS
ES
TS
RS
TCS
TBA
DO
RBS
External reset
0000 1100
RR bit set
uu00 1100
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com