Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 90 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 90 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 86Page - Motorola, Inc HC05 Datasheet HTML 87Page - Motorola, Inc HC05 Datasheet HTML 88Page - Motorola, Inc HC05 Datasheet HTML 89Page - Motorola, Inc HC05 Datasheet HTML 90Page - Motorola, Inc HC05 Datasheet HTML 91Page - Motorola, Inc HC05 Datasheet HTML 92Page - Motorola, Inc HC05 Datasheet HTML 93Page - Motorola, Inc HC05 Datasheet HTML 94Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 232 page
background image
MOTOROLA
6-2
MC68HC05X16
Rev. 1
PROGRAMMABLE TIMER
6
Figure 6-1 16-bit programmable timer block diagram
Internal
Internal bus
8
Output
compare
register 1
processor
clock
+
+
8-bit
buffer
÷ 4
High
Low
16-bit
free-running
counter
Counter
alternate
register
register 1
register 2
Input capture
Internal timer bus
Overflow
detect
circuit
Edge
detect
TCAP1
TCMP2
TCMP1
Latch
D
C
Q
compare
Output
register 2
Input capture
byte
byte
High
byte
Low
byte
High
byte
Low
byte
High
byte
Low
byte
Low
byte
High
byte
circuit 1
compare
Output
circuit 2
compare
Output
circuit 1
Edge
detect
circuit 2
TCAP2
pin
pin
pin
pin
D
C
Q
Latch
7
6543
Timer status
register
Timer control
$0013
$0012
$0018
$0019
$001A
$001B
$001C
$0016
$0017
$0014
$0015
$001E
$001F
$001D
To PLM
register
ICF1
OCF1
TOF
ICF2
OCF2
ICIE
OCIE
TOIE
FOLV2
OLVL2
IEDG1
OLVL1
FOLV1
Interrupt circuit
Input capture
interrupt vector
$3FF8,9
Output compare
interrupt vector
$3FF6,7
Overflow interrupt
vector
COP watchdog
counter input
$3FF4,5
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com