Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 49 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 49 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 45Page - Motorola, Inc HC05 Datasheet HTML 46Page - Motorola, Inc HC05 Datasheet HTML 47Page - Motorola, Inc HC05 Datasheet HTML 48Page - Motorola, Inc HC05 Datasheet HTML 49Page - Motorola, Inc HC05 Datasheet HTML 50Page - Motorola, Inc HC05 Datasheet HTML 51Page - Motorola, Inc HC05 Datasheet HTML 52Page - Motorola, Inc HC05 Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
3-7
MEMORY AND REGISTERS
3
If a second word is to be erased, it is important that the E1LAT bit be reset before restarting the
erasing sequence, otherwise any write to a new address will have no effect. This condition provides
a higher degree of security for the stored data.
User programs must be running from the RAM or ROM as the EEPROM will have its address and
data buses latched.
3.5.4
EEPROM programming operation
To program a byte of EEPROM, the following steps should be taken:
1
Set the E1LAT bit.
2
Write address/data to the EEPROM address to be programmed.
3
Set the E1PGM bit.
4
Wait for time tPROG1.
5
Reset the E1LAT bit (to logic zero).
While a programming operation is being performed, any access of the EEPROM array will not be
successful.
Warning: To program a byte correctly, it has to have been previously erased.
If a second word is to be programmed, it is important that the E1LAT bit be reset before restarting
the programming sequence otherwise any write to a new address will have no effect. This condition
provides a higher degree of security for the stored data.
User programs must be running from the RAM or ROM as the EEPROM will have its address and
data buses latched.
Note:
224 bytes of EEPROM (address $0120 to $01FF) can be program and erase protected
under the control of bit 1 of the OPTR register detailed in Section 3.5.5.
3.5.5
Options register (OPTR)
This register (OPTR), located at $0100, contains the secure and protect functions for the EEPROM
and allows the user to select options in a non-volatile manner. The contents of the OPTR register
are loaded into data latches with each power-on or external reset.
(1) This register is implemented in EEPROM; therefore reset has no effect on the individual bits.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Options (OPTR)(1)
$0100
EE1P
SEC Not affected
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com