Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 84 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 84 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 80Page - Motorola, Inc HC05 Datasheet HTML 81Page - Motorola, Inc HC05 Datasheet HTML 82Page - Motorola, Inc HC05 Datasheet HTML 83Page - Motorola, Inc HC05 Datasheet HTML 84Page - Motorola, Inc HC05 Datasheet HTML 85Page - Motorola, Inc HC05 Datasheet HTML 86Page - Motorola, Inc HC05 Datasheet HTML 87Page - Motorola, Inc HC05 Datasheet HTML 88Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 232 page
background image
MOTOROLA
5-22
MC68HC05X16
Rev. 1
MOTOROLA CAN MODULE (MCAN)
5
5.3.14
Remote transmission request and data length code
register (RRTDL)
The layout of this register is identical to the TRTDL register (see Section 5.3.11).
5.3.15
Receive data segment registers (RDS) 1 – 8
The layout of these registers is identical to the TDSx registers (see Section 5.3.12).
(Note that there are actually two receive buffer register sets, but switching between them is
handled internally by the MCAN.)
5.4
Interface to the MCAN bus
Physically, the MCAN bus may be composed of two wires. The bus can take on one of two values:
dominant or recessive. During simultaneous transmission of dominant and recessive bits by two
or more CAN modules the resulting bus value will be dominant. (For example, with a wired-AND
implementation of the bus, the dominant level would correspond to a logic 0, and the recessive
level to a logic 1.)
The two wires of the MCAN bus are designated CANH and CANL. The voltage levels appearing
on these lines are designated VCANH and VCANL. A simple termination network is required for each
wire. Figure 5-6 shows the physical interface circuitry within the MCAN module, and its connection
to the MCAN bus with a typical low speed (<125 kbaud) hardware interface. (Note that the
suggested values shown in the diagram are subject to change in the future.)
For the voltage and resistor values shown in Figure 5-6 the voltages on the MCAN bus are:
–
Recessive level:
VCANH = 3.25 V
VCANL = 1.75 V
–
Dominant level:
VCANH = 1.00 V
VCANL = 4.00 V
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
RTR and data length code (RRTDL)
$0035
ID2
ID1
ID0
RTR
DLC3
DLC2
DLC1
DLC0
Undefined
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Receive data segment (RDS)
$0036 –
$003D
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Undefined
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com