Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 99 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 99 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 95Page - Motorola, Inc HC05 Datasheet HTML 96Page - Motorola, Inc HC05 Datasheet HTML 97Page - Motorola, Inc HC05 Datasheet HTML 98Page - Motorola, Inc HC05 Datasheet HTML 99Page - Motorola, Inc HC05 Datasheet HTML 100Page - Motorola, Inc HC05 Datasheet HTML 101Page - Motorola, Inc HC05 Datasheet HTML 102Page - Motorola, Inc HC05 Datasheet HTML 103Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
6-11
PROGRAMMABLE TIMER
6
The purpose of this procedure is to prevent the OCF1 bit from being set between the time it is read
and the write to the corresponding output compare register.
All bits of the output compare register are readable and writable and are not altered by the timer
hardware or reset. If the compare function is not needed, the two bytes of the output compare
register can be used as storage locations.
6.4.3
Software force compare
A software force compare is required in many applications. To achieve this, bit 3 (FOLV1 for OCR1)
and bit 4 (FOLV2 for OCR2) in the timer control register are used. These bits always read as ‘zero’,
but a write to ‘one’ causes the respective OLVL1 or OLVL2 values to be copied to the respective
output level (TCMP1 and TCMP2 pins).
Internal logic is arranged such that in a single instruction, one can change OLVL1 and/or OLVL2,
at the same time causing a forced output compare with the new values of OLVL1 and OLVL2. In
conjunction with normal compare, this function allows a wide range of applications including fixed
frequency generation.
Note:
A software force compare will affect the corresponding output pin TCMP1 and/or
TCMP2, but will not affect the compare flag, thus it will not generate an interrupt.
6.5
Pulse length modulation (PLM)
The programmable timer works in conjunction with the PLM system to execute two 8-bit D/A PLM
conversions, with a choice of two repetition rates (see Section 8).
6.5.1
Pulse length modulation registers A and B (PLMA/PLMB)
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Pulse length modulation A (PLMA)
$000A
0000 0000
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Pulse length modulation B (PLMB)
$000B
0000 0000
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com