Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 103 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 103 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 99Page - Motorola, Inc HC05 Datasheet HTML 100Page - Motorola, Inc HC05 Datasheet HTML 101Page - Motorola, Inc HC05 Datasheet HTML 102Page - Motorola, Inc HC05 Datasheet HTML 103Page - Motorola, Inc HC05 Datasheet HTML 104Page - Motorola, Inc HC05 Datasheet HTML 105Page - Motorola, Inc HC05 Datasheet HTML 106Page - Motorola, Inc HC05 Datasheet HTML 107Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
7-1
SERIAL COMMUNICATIONS INTERFACE
7
7
SERIAL COMMUNICATIONS INTERFACE
A full-duplex asynchronous serial communications interface (SCI) is provided with a standard
non-return-to-zero (NRZ) format and a variety of baud rates. The SCI transmitter and receiver are
functionally independent and have their own baud rate generator; however they share a common
baud rate prescaler and data format.
The serial data format is standard mark/space (NRZ) and provides one start bit, eight or nine data
bits, and one stop bit.
The SCLK pin is the output of the transmitter clock. It outputs the transmitter data clock for
synchronous transmission (no clocks on start bit and stop bit, and a software option to send clock
on last data bit). This allows control of peripherals containing shift registers (e.g. LCD drivers).
Phase and polarity of these clocks are software programmable.
Any SCI bidirectional communication requires a two-wire system: receive data in (RDI) and
transmit data out (TDO).
‘Baud’ and ‘bit rate’ are used synonymously in the following description.
7.1
SCI two-wire system features
•
Standard NRZ (mark/space) format
•
Advanced error detection method with noise detection for noise duration of up to 1/16th bit time
•
Full-duplex operation (simultaneous transmit and receive)
•
32 software selectable baud rates
•
Different baud rates for transmit and receive; for each transmit baud rate, 8 possible receive
baud rates
•
Software selectable word length (eight or nine bits)
•
Separate transmitter and receiver enable bits
•
Capable of being interrupt driven
•
Transmitter clocks available without altering the regular transmitter or receiver functions
•
Four separate enable bits for interrupt control
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com