Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 101 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 101 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 97Page - Motorola, Inc HC05 Datasheet HTML 98Page - Motorola, Inc HC05 Datasheet HTML 99Page - Motorola, Inc HC05 Datasheet HTML 100Page - Motorola, Inc HC05 Datasheet HTML 101Page - Motorola, Inc HC05 Datasheet HTML 102Page - Motorola, Inc HC05 Datasheet HTML 103Page - Motorola, Inc HC05 Datasheet HTML 104Page - Motorola, Inc HC05 Datasheet HTML 105Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
6-13
PROGRAMMABLE TIMER
6
Figure 6-2 Timer state timing diagram for reset
Figure 6-3 Timer state timing diagram for input capture
Internal
processor clock
Internal
reset
16-bit
counter
External reset
or end of POR
Internal
timer clocks
$FFFC
$FFFD
$FFFE
$FFFF
Note:
The counter and timer control registers are the only ones affected by power-on or external reset.
T00
T01
T11
T10
Internal
processor clock
16-bit
counter
$F123
$F124
$F125
$F126
Internal
timer clocks
T00
T01
T11
T10
Internal
capture latch
$F124
$????
Input capture
register
Input capture
flag
Input
edge
Note:
If the input edge occurs in the shaded area from one timer state T10 to the next timer state T10, then
the input capture flag will be set during the next T11 state.
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com