Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 32 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 32 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 28Page - Motorola, Inc HC05 Datasheet HTML 29Page - Motorola, Inc HC05 Datasheet HTML 30Page - Motorola, Inc HC05 Datasheet HTML 31Page - Motorola, Inc HC05 Datasheet HTML 32Page - Motorola, Inc HC05 Datasheet HTML 33Page - Motorola, Inc HC05 Datasheet HTML 34Page - Motorola, Inc HC05 Datasheet HTML 35Page - Motorola, Inc HC05 Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 232 page
background image
MOTOROLA
2-8
MC68HC05X16
Rev. 1
MODES OF OPERATION AND PIN DESCRIPTIONS
2
The following list summarizes the effect of WAIT mode on the modules of the MC68HC05X16.
–
The watchdog timer functions according to the mask option selected; see
Section 10.1.4.2
–
The EEPROM is not affected; see Section 3.7
–
The SCI is not affected; see Section 7.14
–
The timer is not affected; see Section 6.7
–
The PLM is not affected; see Section 8.4
–
The A/D converter is not affected; see Section 9.4
–
The I-bit in the CCR is cleared
–
The MCAN module is unaffected
2.2.2.1
Power consumption during WAIT mode
Power consumption during WAIT mode depends on how many systems are active. The power
consumption will be highest when all the systems (A/D, timer, EEPROM, SCI and MCAN) are
active, and lowest when the EEPROM erase and programming mechanism, SCI and A/D are
disabled and the MCAN is in SLEEP mode. The timer cannot be disabled in WAIT mode. It is
important that before entering WAIT mode, the programmer sets the relevant control bits for the
individual modules to reflect the desired functionality during WAIT mode.
Power consumption may be further reduced by the use of SLOW mode. (See Section 2.2.3).
2.2.3
SLOW mode
The SLOW mode function is controlled by the SM bit in the miscellaneous register at location
$000C. It allows the user to insert, under software control, an extra divide-by-16 between the
oscillator and the internal clock driver (see Figure 2-5). This feature allows all the internal
operations to slow down and thus reduces power consumption.
Warning: The SLOW mode function should not be enabled while using the A/D converter or while
erasing/programming the EEPROM unless the internal A/D RC oscillator is turned on.
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com