Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 30 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 30 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 26Page - Motorola, Inc HC05 Datasheet HTML 27Page - Motorola, Inc HC05 Datasheet HTML 28Page - Motorola, Inc HC05 Datasheet HTML 29Page - Motorola, Inc HC05 Datasheet HTML 30Page - Motorola, Inc HC05 Datasheet HTML 31Page - Motorola, Inc HC05 Datasheet HTML 32Page - Motorola, Inc HC05 Datasheet HTML 33Page - Motorola, Inc HC05 Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 232 page
background image
MOTOROLA
2-6
MC68HC05X16
Rev. 1
MODES OF OPERATION AND PIN DESCRIPTIONS
2
2.2
Low power modes
The STOP and WAIT instructions have different effects on the programmable timer, the serial
communications interface, the watchdog system, the EEPROM and the A/D converter. These
different effects are described in the following sections.
2.2.1
STOP mode
The STOP instruction places the MCU in its lowest power consumption mode. In STOP mode, the
internal oscillator is turned off (providing the MCAN is ‘asleep’, see Section 5.5) halting all internal
processing including timer, serial communications interface and the A/D converter (see flow chart
in Figure 2-4). The MCU will wake up from STOP mode only by receipt of an MCAN external
interrupt or by the detection of a reset (logic low on RESET pin or a power-on reset.
The STOP instruction can be executed (i.e. the oscillator can be turned off) only when the MCAN
module is in SLEEP mode. See Section 5.5.
During STOP mode, the I-bit in the CCR is cleared to enable external interrupts (see
Section 11.1.5). The SM bit is cleared to allow nominal speed operation for the 4064 cycles count
while exiting STOP mode (see Section 2.2.3).
All other registers and memory remain unaltered and all input/output lines remain unchanged. This
continues until a MCAN interrupt, wired-OR interrupt, external interrupt (IRQ) or reset is sensed,
at which time the internal oscillator is turned on. The interrupt or reset causes the program counter
to vector to the corresponding locations ($3FFA, B and $3FFE, F respectively).
When leaving STOP mode, a tPORL internal cycles delay is provided to give the oscillator time to
stabilise before releasing CPU operation. This delay is selectable via a mask option to be either 16
or 4064 cycles. The CPU will resume operation by servicing the interrupt that wakes it up, or by
fetching the reset vector, if reset wakes it up.
Note:
If tPORL is selected to be 16 cycles, it is recommended that an external clock signal is
used to avoid problems with oscillator stability while the device is in STOP mode.
The stacking corresponding to an eventual interrupt to go out of STOP mode will only
be executed when going out of STOP mode.
The following list summarizes the effect of STOP mode on the modules of the MC68HC05X16.
–
The watchdog timer is reset; see Section 10.1.4.1
–
The EEPROM acts as read-only memory (ROM); see Section 3.6
–
All SCI activity stops; see Section 7.13
–
The timer stops counting; see Section 6.6
–
The PLM outputs remain at current levels; see Section 8.3
–
The A/D converter is disabled; see Section 9.3
–
The I-bit in the CCR is cleared
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com